Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 228 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 228 Page - Intel Corporation

Back Button 915GL Datasheet HTML 224Page - Intel Corporation 915GL Datasheet HTML 225Page - Intel Corporation 915GL Datasheet HTML 226Page - Intel Corporation 915GL Datasheet HTML 227Page - Intel Corporation 915GL Datasheet HTML 228Page - Intel Corporation 915GL Datasheet HTML 229Page - Intel Corporation 915GL Datasheet HTML 230Page - Intel Corporation 915GL Datasheet HTML 231Page - Intel Corporation 915GL Datasheet HTML 232Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 426 page
background image
Functional Description
R
228
Datasheet
12.3.1.2
System Memory Supported Configurations
The (G)MCH supports the 256-Mbit, 512-Mbit and 1-Gbit technology based DIMMs from
Table 12-3.
Table 12-3. DDR / DDR2 DIMM Supported Configurations
Technology
Configuration
# of
Row
Address
Bits
# of Column
Address Bits
# of Bank
Address
Bits
Page
Size
Rank
Size
256Mbit
16M X 16
13
9
2
4K
128 MB
256Mbit
32M X 8
13
10
2
8K
256 MB
512Mbit
32M X 16
13
10
2
8K
256 MB
512Mbit
64M X 8
13
11
2
16K
512 MB
512Mbit
64M X 8
14
10
2
8K
512 MB
1Gbit
64M X 16
14
10
2
8K
512 MB
1Gbit
128M X 8
14
11
2
16K
1 GB
1Gbit
64M X 16
13
10
3
8K
512 MB
1Gbit
128M X 8
14
10
3
8K
1 GB
12.3.1.3
Main Memory DRAM Address Translation and Decoding
Table 12-4 and Table 12-5 specify the host interface to memory interface address multiplex for
the (G)MCH. Refer to the details of the various DIMM configurations as described in Table 12-3.
The address lines specified in the column header refer to the host (processor) address lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com