Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 68 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 68 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 64Page - Intel Corporation Q6000 Datasheet HTML 65Page - Intel Corporation Q6000 Datasheet HTML 66Page - Intel Corporation Q6000 Datasheet HTML 67Page - Intel Corporation Q6000 Datasheet HTML 68Page - Intel Corporation Q6000 Datasheet HTML 69Page - Intel Corporation Q6000 Datasheet HTML 70Page - Intel Corporation Q6000 Datasheet HTML 71Page - Intel Corporation Q6000 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 98 page
background image
Land Listing and Signal Descriptions
68
Datasheet
RS[2:0]#
Input
RS[2:0]# (Response Status) are driven by the response agent (the
agent responsible for completion of the current transaction), and
must connect the appropriate pins/lands of all processor FSB
agents.
SKTOCC#
Output
SKTOCC# (Socket Occupied) will be pulled to ground by the
processor. System board designers may use this signal to determine
if the processor is present.
SMI#
Input
SMI# (System Management Interrupt) is asserted asynchronously
by system logic. On accepting a System Management Interrupt, the
processor saves the current state and enter System Management
Mode (SMM). An SMI Acknowledge transaction is issued, and the
processor begins program execution from the SMM handler.
If SMI# is asserted during the de-assertion of RESET#, the
processor will tri-state its outputs.
STPCLK#
Input
STPCLK# (Stop Clock), when asserted, causes the processor to
enter a low power Stop Grant state. The processor issues a Stop
Grant Acknowledge transaction, and stops providing internal clock
signals to all processor core units except the FSB and APIC units.
The processor continues to snoop bus transactions and service
interrupts while in Stop Grant state. When STPCLK# is de-asserted,
the processor restarts its internal clock to all units and resumes
execution. The assertion of STPCLK# has no effect on the bus clock;
STPCLK# is an asynchronous input.
TCK
Input
TCK (Test Clock) provides the clock input for the processor Test Bus
(also known as the Test Access Port).
TDI, TDI_M
Input
TDI and TDI_M (Test Data In) transfer serial test data into the
processor cores. TDI and TDI_M provide the serial input needed for
JTAG specification support. TDI connects to core 0. TDI_M connects
to core 1.
TDO, TDO_M
Output
TDO and TDO_M (Test Data Out) transfer serial test data out of the
processor cores. TDO and TDI_M provide the serial output needed
for JTAG specification support. TDO connects to core 1. TDO_M
connects to core 0.
TESTHI[13,
11:10,7:0]
Input
TESTHI[13,11:10,7:0] must be connected to the processor’s
appropriate power source (refer to VTT_OUT_LEFT and
VTT_OUT_RIGHT signal description) through a resistor for proper
processor operation. See Section 2.4 for more details.
Table 25.
Signal Description (Sheet 7 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com