Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 54 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 54 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 50Page - Intel Corporation Q6000 Datasheet HTML 51Page - Intel Corporation Q6000 Datasheet HTML 52Page - Intel Corporation Q6000 Datasheet HTML 53Page - Intel Corporation Q6000 Datasheet HTML 54Page - Intel Corporation Q6000 Datasheet HTML 55Page - Intel Corporation Q6000 Datasheet HTML 56Page - Intel Corporation Q6000 Datasheet HTML 57Page - Intel Corporation Q6000 Datasheet HTML 58Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
Land Listing and Signal Descriptions
54
Datasheet
F11
D23#
Source Synch Input/Output
F12
D24#
Source Synch Input/Output
F13
VSS
Power/Other
F14
D28#
Source Synch Input/Output
F15
D30#
Source Synch Input/Output
F16
VSS
Power/Other
F17
D37#
Source Synch Input/Output
F18
D38#
Source Synch Input/Output
F19
VSS
Power/Other
F20
D41#
Source Synch Input/Output
F21
D43#
Source Synch Input/Output
F22
VSS
Power/Other
F23
RESERVED
F24
TESTHI7
Power/Other
Input
F25
TESTHI2
Power/Other
Input
F26
TESTHI0
Power/Other
Input
F27
VTT_SEL
Power/Other
Output
F28
BCLK0
Clock
Input
F29
RESERVED
G1
BPMb0#
Common Clock Input/Output
G2
COMP2
Power/Other
Input
G3
BPMb3#
Common Clock Input/Output
G4
BPMb2#
Common Clock Input/Output
G5
PECI
Power/Other
Input/Output
G6
RESERVED
G7
DEFER#
Common Clock
Input
G8
BPRI#
Common Clock
Input
G9
D16#
Source Synch Input/Output
G10
GTLREF2
Power/Other
Input
G11
DBI1#
Source Synch Input/Output
G12
DSTBN1#
Source Synch Input/Output
G13
D27#
Source Synch Input/Output
G14
D29#
Source Synch Input/Output
G15
D31#
Source Synch Input/Output
G16
D32#
Source Synch Input/Output
G17
D36#
Source Synch Input/Output
G18
D35#
Source Synch Input/Output
G19
DSTBP2#
Source Synch Input/Output
G20
DSTBN2#
Source Synch Input/Output
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction
G21
D44#
Source Synch Input/Output
G22
D47#
Source Synch Input/Output
G23
RESET#
Common Clock
Input
G24
TESTHI6
Power/Other
Input
G25
TESTHI3
Power/Other
Input
G26
TESTHI5
Power/Other
Input
G27
TESTHI4
Power/Other
Input
G28
BCLK1
Clock
Input
G29
BSEL0
Power/Other
Output
G30
BSEL2
Power/Other
Output
H1
GTLREF0
Power/Other
Input
H2
GTLREF1
Power/Other
Input
H3
VSS
Power/Other
H4
FC35
Power/Other
H5
TESTHI10
Power/Other
Input
H6
VSS
Power/Other
H7
VSS
Power/Other
H8
VSS
Power/Other
H9
VSS
Power/Other
H10
VSS
Power/Other
H11
VSS
Power/Other
H12
VSS
Power/Other
H13
VSS
Power/Other
H14
VSS
Power/Other
H15
FC32
Power/Other
H16
FC33
Power/Other
H17
VSS
Power/Other
H18
VSS
Power/Other
H19
VSS
Power/Other
H20
VSS
Power/Other
H21
VSS
Power/Other
H22
VSS
Power/Other
H23
VSS
Power/Other
H24
VSS
Power/Other
H25
VSS
Power/Other
H26
VSS
Power/Other
H27
VSS
Power/Other
H28
VSS
Power/Other
H29
FC15
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com