Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 8 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 8 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 4Page - Intel Corporation Q6000 Datasheet HTML 5Page - Intel Corporation Q6000 Datasheet HTML 6Page - Intel Corporation Q6000 Datasheet HTML 7Page - Intel Corporation Q6000 Datasheet HTML 8Page - Intel Corporation Q6000 Datasheet HTML 9Page - Intel Corporation Q6000 Datasheet HTML 10Page - Intel Corporation Q6000 Datasheet HTML 11Page - Intel Corporation Q6000 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
8
Datasheet
Intel® Core™2 Extreme Quad-Core Processor QX6000 and
Intel® Core™2 Quad Processor Q6000 Sequence Features
The Intel Core™2 Extreme quad-core processor QX6000 sequence and Intel® Core™2 quad processor
Q6000 sequence deliver Intel's advanced, powerful processors for desktop PCs. The processor is
designed to deliver performance across applications and usages where end-users can truly appreciate
and experience the performance. These applications include Internet audio and streaming video,
image processing, video content creation, speech, 3D, CAD, games, multimedia, and multitasking
user environments.
Intel® 64Φ architecture enables the processor to execute operating systems and applications written
to take advantage of the Intel 64 architecture. The processor, supporting Enhanced Intel Speedstep®
technology, allows tradeoffs to be made between performance and power consumption.
The Core™2 Extreme quad-core processor QX6000 sequence and Intel® Core™2 quad processor
Q6000 sequence also include the Execute Disable Bit capability. This feature, combined with a
supported operating system, allows memory to be marked as executable or non-executable.
The Core™2 Extreme quad-core processor QX6000 sequence and Intel® Core™2 quad processor
Q6000 sequence support Intel® Virtualization Technology. Virtualization Technology provides silicon-
based functionality that works together with compatible Virtual Machine Monitor (VMM) software to
improve on software-only solutions.
§ §
• Available at 3.00 GHz (Intel® Core™2
Extreme Quad-Core Processor QX6850 only)
• Available at 2.66 GHz (Intel® Core™2
Extreme Quad-Core Processor QX6700 and
Intel® Core™2 Quad Processor Q6700 only)
• Available at 2.40 GHz (Intel® Core™2 Quad
Processor Q6600 only)
• Available at 2.93 GHz (Intel® Core™2
Extreme Quad-Core Processor QX6800 only)
• Enhanced Intel Speedstep® Technology
•Supports Intel® 64Φ architecture
•Supports Intel® Virtualization Technology
• Supports Execute Disable Bit capability
• FSB frequency at 1066 MHz (Intel® Core™2
Extreme Quad-Core Processor QX6700,
QX6800 and Intel® Core™2 Quad Processor
Q6700 and Q6600 only)
• FSB frequency at 1333 MHz (Intel® Core™2
Extreme Quad-Core Processor QX6850 only)
• Binary compatible with applications running
on previous members of the Intel
microprocessor line
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• Four 32-KB Level 1 data caches
• Two 4 MB Level 2 caches
•Intel® Advanced Digital Media Boost
• Enhanced floating point and multimedia unit
for enhanced video, audio, encryption, and
3D performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved
cache hit rate on load/store operations
• 775-land Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com