Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 56 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 56 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 52Page - Intel Corporation Q6000 Datasheet HTML 53Page - Intel Corporation Q6000 Datasheet HTML 54Page - Intel Corporation Q6000 Datasheet HTML 55Page - Intel Corporation Q6000 Datasheet HTML 56Page - Intel Corporation Q6000 Datasheet HTML 57Page - Intel Corporation Q6000 Datasheet HTML 58Page - Intel Corporation Q6000 Datasheet HTML 59Page - Intel Corporation Q6000 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
Land Listing and Signal Descriptions
56
Datasheet
M30
VCC
Power/Other
N1
PWRGOOD
Power/Other
Input
N2
IGNNE#
Asynch CMOS
Input
N3
VSS
Power/Other
N4
RESERVED
N5
RESERVED
N6
VSS
Power/Other
N7
VSS
Power/Other
N8
VCC
Power/Other
N23
VCC
Power/Other
N24
VCC
Power/Other
N25
VCC
Power/Other
N26
VCC
Power/Other
N27
VCC
Power/Other
N28
VCC
Power/Other
N29
VCC
Power/Other
N30
VCC
Power/Other
P1
TESTHI11
Power/Other
Input
P2
SMI#
Asynch CMOS
Input
P3
INIT#
Asynch CMOS
Input
P4
VSS
Power/Other
P5
RESERVED
P6
A04#
Source Synch Input/Output
P7
VSS
Power/Other
P8
VCC
Power/Other
P23
VSS
Power/Other
P24
VSS
Power/Other
P25
VSS
Power/Other
P26
VSS
Power/Other
P27
VSS
Power/Other
P28
VSS
Power/Other
P29
VSS
Power/Other
P30
VSS
Power/Other
R1
COMP3
Power/Other
Input
R2
VSS
Power/Other
R3
FERR#/PBE#
Asynch CMOS
Output
R4
A08#
Source Synch Input/Output
R5
VSS
Power/Other
R6
ADSTB0#
Source Synch Input/Output
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction
R7
VSS
Power/Other
R8
VCC
Power/Other
R23
VSS
Power/Other
R24
VSS
Power/Other
R25
VSS
Power/Other
R26
VSS
Power/Other
R27
VSS
Power/Other
R28
VSS
Power/Other
R29
VSS
Power/Other
R30
VSS
Power/Other
T1
COMP1
Power/Other
Input
T2
FC4
Power/Other
T3
VSS
Power/Other
T4
A11#
Source Synch Input/Output
T5
A09#
Source Synch Input/Output
T6
VSS
Power/Other
T7
VSS
Power/Other
T8
VCC
Power/Other
T23
VCC
Power/Other
T24
VCC
Power/Other
T25
VCC
Power/Other
T26
VCC
Power/Other
T27
VCC
Power/Other
T28
VCC
Power/Other
T29
VCC
Power/Other
T30
VCC
Power/Other
U1
TDO_M
TAP
Output
U2
FC29
Power/Other
U3
FC30
Power/Other
U4
A13#
Source Synch Input/Output
U5
A12#
Source Synch Input/Output
U6
A10#
Source Synch Input/Output
U7
VSS
Power/Other
U8
VCC
Power/Other
U23
VCC
Power/Other
U24
VCC
Power/Other
U25
VCC
Power/Other
U26
VCC
Power/Other
U27
VCC
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com