Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 70 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 70 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 66Page - Intel Corporation Q6000 Datasheet HTML 67Page - Intel Corporation Q6000 Datasheet HTML 68Page - Intel Corporation Q6000 Datasheet HTML 69Page - Intel Corporation Q6000 Datasheet HTML 70Page - Intel Corporation Q6000 Datasheet HTML 71Page - Intel Corporation Q6000 Datasheet HTML 72Page - Intel Corporation Q6000 Datasheet HTML 73Page - Intel Corporation Q6000 Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
Land Listing and Signal Descriptions
70
Datasheet
§ §
VRDSEL
Input
This input should be left as a no connect in order for the processor
to boot. The processor will not boot on legacy platforms where this
land is connected to VSS.
VSS
Input
VSS are the ground pins for the processor and should be connected
to the system ground plane.
VSSA
Input
VSSA is the isolated ground for internal PLLs.
VSS_SENSE
Output
VSS_SENSE is an isolated low impedance connection to processor
core VSS. It can be used to sense or measure ground near the
silicon with little noise.
VSS_MB_
REGULATION
Output
This land is provided as a voltage regulator feedback sense point for
VSS. It is connected internally in the processor package to the sense
point land V27 as described in the Voltage Regulator-Down (VRD)
11.0 Processor Power Delivery Design Guidelines For Desktop
LGA775 Socket.
VTT
Miscellaneous voltage supply.
VTT_OUT_LEFT
VTT_OUT_RIGHT
Output
The VTT_OUT_LEFT and VTT_OUT_RIGHT signals are included to
provide a voltage supply for some signals that require termination
to VTT on the motherboard.
VTT_SEL
Output
The VTT_SEL signal is used to select the correct VTT voltage level for
the processor. This land is connected internally in the package to
VTT.
Table 25.
Signal Description (Sheet 9 of 9)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com