Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 53 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 53 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 49Page - Intel Corporation Q6000 Datasheet HTML 50Page - Intel Corporation Q6000 Datasheet HTML 51Page - Intel Corporation Q6000 Datasheet HTML 52Page - Intel Corporation Q6000 Datasheet HTML 53Page - Intel Corporation Q6000 Datasheet HTML 54Page - Intel Corporation Q6000 Datasheet HTML 55Page - Intel Corporation Q6000 Datasheet HTML 56Page - Intel Corporation Q6000 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
Land Listing and Signal Descriptions
Datasheet
53
C20
DBI3#
Source Synch Input/Output
C21
D58#
Source Synch Input/Output
C22
VSS
Power/Other
C23
VCCIOPLL
Power/Other
C24
VSS
Power/Other
C25
VTT
Power/Other
C26
VTT
Power/Other
C27
VTT
Power/Other
C28
VTT
Power/Other
C29
VTT
Power/Other
C30
VTT
Power/Other
D1
RESERVED
D2
ADS#
Common Clock Input/Output
D3
VSS
Power/Other
D4
HIT#
Common Clock Input/Output
D5
VSS
Power/Other
D6
VSS
Power/Other
D7
D20#
Source Synch Input/Output
D8
D12#
Source Synch Input/Output
D9
VSS
Power/Other
D10
D22#
Source Synch Input/Output
D11
D15#
Source Synch Input/Output
D12
VSS
Power/Other
D13
D25#
Source Synch Input/Output
D14
RESERVED
D15
VSS
Power/Other
D16
RESERVED
D17
D49#
Source Synch Input/Output
D18
VSS
Power/Other
D19
DBI2#
Source Synch Input/Output
D20
D48#
Source Synch Input/Output
D21
VSS
Power/Other
D22
D46#
Source Synch Input/Output
D23
VCCPLL
Power/Other
D24
VSS
Power/Other
D25
VTT
Power/Other
D26
VTT
Power/Other
D27
VTT
Power/Other
D28
VTT
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction
D29
VTT
Power/Other
D30
VTT
Power/Other
E2
VSS
Power/Other
E3
TRDY#
Common Clock
Input
E4
HITM#
Common Clock Input/Output
E5
FC20
Power/Other
E6
RESERVED
E7
RESERVED
E8
VSS
Power/Other
E9
D19#
Source Synch Input/Output
E10
D21#
Source Synch Input/Output
E11
VSS
Power/Other
E12
DSTBP1#
Source Synch Input/Output
E13
D26#
Source Synch Input/Output
E14
VSS
Power/Other
E15
D33#
Source Synch Input/Output
E16
D34#
Source Synch Input/Output
E17
VSS
Power/Other
E18
D39#
Source Synch Input/Output
E19
D40#
Source Synch Input/Output
E20
VSS
Power/Other
E21
D42#
Source Synch Input/Output
E22
D45#
Source Synch Input/Output
E23
RESERVED
E24
FC10
Power/Other
E25
VSS
Power/Other
E26
VSS
Power/Other
E27
VSS
Power/Other
E28
VSS
Power/Other
E29
FC26
Power/Other
F2
GTLREF3
Power/Other
Input
F3
BR0#
Common Clock Input/Output
F4
VSS
Power/Other
F5
RS1#
Common Clock
Input
F6
FC21
Power/Other
F7
VSS
Power/Other
F8
D17#
Source Synch Input/Output
F9
D18#
Source Synch Input/Output
F10
VSS
Power/Other
Table 24.
Numerical Land
Assignment
Land
#
Land Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com