Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 84 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 84 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 80Page - Intel Corporation Q6000 Datasheet HTML 81Page - Intel Corporation Q6000 Datasheet HTML 82Page - Intel Corporation Q6000 Datasheet HTML 83Page - Intel Corporation Q6000 Datasheet HTML 84Page - Intel Corporation Q6000 Datasheet HTML 85Page - Intel Corporation Q6000 Datasheet HTML 86Page - Intel Corporation Q6000 Datasheet HTML 87Page - Intel Corporation Q6000 Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 98 page
background image
Features
84
Datasheet
6.2.1
Normal State
This is the normal operating state for the processor.
6.2.2
HALT and Extended HALT Powerdown States
The processor supports the HALT or Extended HALT powerdown state. The Extended
HALT Powerdown must be enabled via the BIOS for the processor to remain within its
specification.
The Extended HALT state is a lower power state as compared to the Stop Grant State.
If Extended HALT is not enabled, the default Powerdown state entered will be HALT.
Refer to the sections below for details about the HALT and Extended HALT states.
6.2.2.1
HALT Powerdown State
HALT is a low power state entered when all the processor cores have executed the HALT
or MWAIT instructions. When one of the processor cores executes the HALT instruction,
that processor core is halted, however, the other processor continues normal operation.
The processor will transition to the Normal state upon the occurrence of SMI#, INIT#,
or LINT[1:0] (NMI, INTR). RESET# will cause the processor to immediately initialize
itself.
The return from a System Management Interrupt (SMI) handler can be to either
Normal Mode or the HALT Power Down state. See the Intel Architecture Software
Developer's Manual, Volume III: System Programmer's Guide for more information.
Figure 21.
Processor Low Power State Machine
Normal State
- Normal Execution
Stop Grant State
- BCLK running
- Snoops and interrupts
allowed
Stop Grant Snoop State
- BCLK running
- Service Snoops to cahces
Extended HALT Snoop or
HALT Snoop State
- BCLK running
- Service Snoops to cahces
Extended HALT or HALT
State
- BCLK running
- Snoops and interrupts
allowed
HALT or MWAIT Instruction and
HALT Bus Cycle Generated
INIT#, BINIT#, INTR, NMI, SMI#,
RESET#, FSB interrupts
STPCLK#
Asserted
STPCLK#
De-asserted
STPCLK#
Asserted
STPCLK#
De-asserted
Snoop
Event
Occurs
Snoop
Event
Serviced
Snoop Event Occurs
Snoop Event Serviced
SleepStateFigure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com