Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 77 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 77 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 73Page - Intel Corporation Q6000 Datasheet HTML 74Page - Intel Corporation Q6000 Datasheet HTML 75Page - Intel Corporation Q6000 Datasheet HTML 76Page - Intel Corporation Q6000 Datasheet HTML 77Page - Intel Corporation Q6000 Datasheet HTML 78Page - Intel Corporation Q6000 Datasheet HTML 79Page - Intel Corporation Q6000 Datasheet HTML 80Page - Intel Corporation Q6000 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
Datasheet
77
Thermal Specifications and Design Considerations
under-designed thermal solution that is not able to prevent excessive activation of the
TCC in the anticipated ambient environment may cause a noticeable performance loss,
and in some cases may result in a T
C that exceeds the specified maximum temperature
and may affect the long-term reliability of the processor. In addition, a thermal solution
that is significantly under-designed may not be capable of cooling the processor even
when the TCC is active continuously. Refer to the appropriate Thermal and Mechanical
Design Guidelines (see Section 1.2) for information on designing a thermal solution.
The duty cycle for the TCC, when activated by the Thermal Monitor, is factory
configured and cannot be modified. The Thermal Monitor does not require any
additional hardware, software drivers, or interrupt handling routines.
5.2.2
Thermal Monitor 2
The processor also supports an additional power reduction capability known as Thermal
Monitor 2. This mechanism provides an efficient means for limiting the processor
temperature by reducing the power consumption within the processor.
When Thermal Monitor 2 is enabled, and a high temperature situation is detected, the
Thermal Control Circuit (TCC) will be activated. The TCC causes the processor to adjust
its operating frequency (via the bus multiplier) and input voltage (via the VID signals).
This combination of reduced frequency and VID results in a reduction to the processor
power consumption.
A processor enabled for Thermal Monitor 2 includes two operating points, each
consisting of a specific operating frequency and voltage. The first operating point
represents the normal operating condition for the processor. Under this condition, the
core-frequency-to-FSB multiple utilized by the processor is that contained in the
CLOCK_FLEX_MAX MSR and the VID is that specified in Table 4. These parameters
represent normal system operation.
The second operating point consists of both a lower operating frequency and voltage.
When the TCC is activated, the processor automatically transitions to the new
frequency. This transition occurs very rapidly (on the order of 5 μs). During the
frequency transition, the processor is unable to service any bus requests, and
consequently, all bus traffic is blocked. Edge-triggered interrupts will be latched and
kept pending until the processor resumes operation at the new frequency.
Once the new operating frequency is engaged, the processor will transition to the new
core operating voltage by issuing a new VID code to the voltage regulator. The voltage
regulator must support dynamic VID steps in order to support Thermal Monitor 2.
During the voltage change, it will be necessary to transition through multiple VID codes
to reach the target operating voltage. Each step will likely be one VID table entry (see
Table 4). The processor continues to execute instructions during the voltage transition.
Operation at the lower voltage reduces the power consumption of the processor.
A small amount of hysteresis has been included to prevent rapid active/inactive
transitions of the TCC when the processor temperature is near its maximum operating
temperature. Once the temperature has dropped below the maximum operating
temperature, and the hysteresis timer has expired, the operating frequency and
voltage transition back to the normal system operating point. Transition of the VID code
will occur first, in order to insure proper operation once the processor reaches its
normal operating frequency. Refer to Figure 19 for an illustration of this ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com