Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 95 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 95 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 90Page - Intel Corporation Q6000 Datasheet HTML 91Page - Intel Corporation Q6000 Datasheet HTML 92Page - Intel Corporation Q6000 Datasheet HTML 93Page - Intel Corporation Q6000 Datasheet HTML 94Page - Intel Corporation Q6000 Datasheet HTML 95Page - Intel Corporation Q6000 Datasheet HTML 96Page - Intel Corporation Q6000 Datasheet HTML 97Page - Intel Corporation Q6000 Datasheet HTML 98Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 98 page
background image
Datasheet
95
Boxed Processor Specifications
If the boxed processor fan heatsink 4-pin connector is connected to a 4-pin
motherboard header and the motherboard is designed with a fan speed controller with
PWM output (CONTROL see Table 32) and remote thermal diode measurement
capability the boxed processor will operate as follows:
As processor power has increased the required thermal solutions have generated
increasingly more noise. Intel has added an option to the boxed processor that allows
system integrators to have a quieter system in the most common usage.
The 4th wire PWM solution provides better control over chassis acoustics. This is
achieved by more accurate measurement of processor die temperature through the
processor's Digital Thermal Sensors (DTS) and PECI. Fan RPM is modulated through the
use of an ASIC located on the motherboard that sends out a PWM control signal to the
4th pin of the connector labeled as CONTROL. The fan speed is based on actual
processor temperature instead of internal ambient chassis temperatures.
Figure 30.
Boxed Processor Fan Heatsink Set Points
Table 33.
Fan Heatsink Power and Signal Specifications
Boxed Processor Fan
Heatsink Set Point (ºC)
Boxed Processor Fan Speed
Notes
X ≤ 30
When the internal chassis temperature is below or equal to
this set point, the fan operates at its lowest speed.
Recommended maximum internal chassis temperature for
nominal operating environment.
1
NOTES:
1. Set point variance is approximately ± 1 °C from fan heatsink to fan heatsink.
Y = 35
When the internal chassis temperature is at this point, the
fan operates between its lowest and highest speeds.
Recommended maximum internal chassis temperature for
worst-case operating environment.
-
Z ≥ 39
When the internal chassis temperature is above or equal to
this set point, the fan operates at its highest speed.
-
Lower Set Point
Lowest Noise Level
Internal Chassis Temperature (Degrees C)
X
YZ
Increasing Fan
Speed & Noise
Higher Set Point
Highest Noise Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com