Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 50 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 50 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 46Page - Intel Corporation Q6000 Datasheet HTML 47Page - Intel Corporation Q6000 Datasheet HTML 48Page - Intel Corporation Q6000 Datasheet HTML 49Page - Intel Corporation Q6000 Datasheet HTML 50Page - Intel Corporation Q6000 Datasheet HTML 51Page - Intel Corporation Q6000 Datasheet HTML 52Page - Intel Corporation Q6000 Datasheet HTML 53Page - Intel Corporation Q6000 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
Land Listing and Signal Descriptions
50
Datasheet
VSS
B20
Power/Other
VSS
B24
Power/Other
VSS
B5
Power/Other
VSS
B8
Power/Other
VSS
C10
Power/Other
VSS
C13
Power/Other
VSS
C16
Power/Other
VSS
C19
Power/Other
VSS
C22
Power/Other
VSS
C24
Power/Other
VSS
C4
Power/Other
VSS
C7
Power/Other
VSS
D12
Power/Other
VSS
D15
Power/Other
VSS
D18
Power/Other
VSS
D21
Power/Other
VSS
D24
Power/Other
VSS
D3
Power/Other
VSS
D5
Power/Other
VSS
D6
Power/Other
VSS
D9
Power/Other
VSS
E11
Power/Other
VSS
E14
Power/Other
VSS
E17
Power/Other
VSS
E2
Power/Other
VSS
E20
Power/Other
VSS
E25
Power/Other
VSS
E26
Power/Other
VSS
E27
Power/Other
VSS
E28
Power/Other
VSS
E8
Power/Other
VSS
F10
Power/Other
VSS
F13
Power/Other
VSS
F16
Power/Other
VSS
F19
Power/Other
VSS
F22
Power/Other
VSS
F4
Power/Other
VSS
F7
Power/Other
VSS
H10
Power/Other
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal
Buffer Type
Direction
VSS
H11
Power/Other
VSS
H12
Power/Other
VSS
H13
Power/Other
VSS
H14
Power/Other
VSS
H17
Power/Other
VSS
H18
Power/Other
VSS
H19
Power/Other
VSS
H20
Power/Other
VSS
H21
Power/Other
VSS
H22
Power/Other
VSS
H23
Power/Other
VSS
H24
Power/Other
VSS
H25
Power/Other
VSS
H26
Power/Other
VSS
H27
Power/Other
VSS
H28
Power/Other
VSS
H3
Power/Other
VSS
H6
Power/Other
VSS
H7
Power/Other
VSS
H8
Power/Other
VSS
H9
Power/Other
VSS
J4
Power/Other
VSS
J7
Power/Other
VSS
K2
Power/Other
VSS
K5
Power/Other
VSS
K7
Power/Other
VSS
L23
Power/Other
VSS
L24
Power/Other
VSS
L25
Power/Other
VSS
L26
Power/Other
VSS
L27
Power/Other
VSS
L28
Power/Other
VSS
L29
Power/Other
VSS
L3
Power/Other
VSS
L30
Power/Other
VSS
L6
Power/Other
VSS
L7
Power/Other
VSS
M1
Power/Other
VSS
M7
Power/Other
Table 23.
Alphabetical Land
Assignments
Land Name
Land
#
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com