Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 24 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 24 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 20Page - Intel Corporation Q6000 Datasheet HTML 21Page - Intel Corporation Q6000 Datasheet HTML 22Page - Intel Corporation Q6000 Datasheet HTML 23Page - Intel Corporation Q6000 Datasheet HTML 24Page - Intel Corporation Q6000 Datasheet HTML 25Page - Intel Corporation Q6000 Datasheet HTML 26Page - Intel Corporation Q6000 Datasheet HTML 27Page - Intel Corporation Q6000 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 98 page
background image
Electrical Specifications
24
Datasheet
2.6.2
CMOS and Open Drain Signals
Legacy input signals such as A20M#, IGNNE#, INIT#, SMI#, and STPCLK# use CMOS
input buffers. All of the CMOS and Open Drain signals are required to be asserted/
deasserted for at least four BCLKs for the processor to recognize the proper signal
state. See Section 2.6.3 for the DC specifications. See Section 6.2 for additional timing
requirements for entering and leaving the low power states.
2.6.3
Processor DC Specifications
The processor DC specifications in this section are defined at the processor core (pads)
unless otherwise stated. All specifications apply to all frequencies and cache sizes
unless otherwise stated.
Table 10.
GTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
-0.10
GTLREF – 0.10
V
2, 3
2.
VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low
value.
3.
The VTT referred to in these specifications is the instantaneous VTT.
VIH
Input High Voltage
GTLREF + 0.10
VTT + 0.10
V
3, 4, 5
4.
VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high
value.
5.
VIH and VOH may experience excursions above VTT.
VOH
Output High Voltage
VTT – 0.10
VTT
V
3, 5
IOL
Output Low Current
N/A
VTT_MAX/
[(RTT_MIN)+(2*RON_MIN)]
A-
ILI
Input Leakage Current
N/A
± 200
µA
6
6.
Leakage to VSS with land held at VTT.
ILO
Output Leakage
Current
N/A
± 200
µA
7
7.
Leakage to VTT with land held at 300 mV.
RON
Buffer On Resistance
10
13
Ω
Table 11.
Open Drain and TAP Output Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VOL
Output Low Voltage
0
0.20
V
-
VOH
Output High Voltage
VTT – 0.05
VTT + 0.05
V
2
2. VOH is determined by the value of the external pull-up resister to VTT.
IOL
Output Low Current
16
50
mA
3
3.
Measured at VTT * 0.2.
ILO
Output Leakage Current
N/A
± 200
µA
4
4.
For Vin between 0 and VOH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com