Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 79 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 79 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 75Page - Intel Corporation Q6000 Datasheet HTML 76Page - Intel Corporation Q6000 Datasheet HTML 77Page - Intel Corporation Q6000 Datasheet HTML 78Page - Intel Corporation Q6000 Datasheet HTML 79Page - Intel Corporation Q6000 Datasheet HTML 80Page - Intel Corporation Q6000 Datasheet HTML 81Page - Intel Corporation Q6000 Datasheet HTML 82Page - Intel Corporation Q6000 Datasheet HTML 83Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
Datasheet
79
Thermal Specifications and Design Considerations
5.2.4
PROCHOT# Signal
An external signal, PROCHOT# (processor hot), is asserted when the processor core
temperature has reached its maximum operating temperature. If the Thermal Monitor
is enabled (note that the Thermal Monitor must be enabled for the processor to be
operating within specification), the TCC will be active when PROCHOT# is asserted. The
processor can be configured to generate an interrupt upon the assertion or de-
assertion of PROCHOT#.
As an output, PROCHOT# (Processor Hot) will go active when the processor
temperature monitoring sensor detects that one or both cores has reached its
maximum safe operating temperature. This indicates that the processor Thermal
Control Circuit (TCC) has been activated, if enabled. As an input, assertion of
PROCHOT# by the system will activate the TCC, if enabled, for both cores. The TCC will
remain active until the system de-asserts PROCHOT#.
PROCHOT# allows for some protection of various components from over-temperature
situations. The PROCHOT# signal is bi-directional in that it can either signal when the
processor (either core) has reached its maximum operating temperature or be driven
from an external source to activate the TCC. The ability to activate the TCC via
PROCHOT# can provide a means for thermal protection of system components.
PROCHOT# can allow VR thermal designs to target maximum sustained current instead
of maximum current. Systems should still provide proper cooling for the VR, and rely
on PROCHOT# only as a backup in case of system cooling failure. The system thermal
design should allow the power delivery circuitry to operate within its temperature
specification even while the processor is operating at its Thermal Design Power. With a
properly designed and characterized thermal solution, it is anticipated that PROCHOT#
would only be asserted for very short periods of time when running the most power
intensive applications. An under-designed thermal solution that is not able to prevent
excessive assertion of PROCHOT# in the anticipated ambient environment may cause a
noticeable performance loss. Refer to the the Voltage Regulator-Down (VRD) 11.0
Processor Power Delivery Design Guidelines For Desktop LGA775 Socket for details on
implementing the bi-directional PROCHOT# feature.
5.2.5
THERMTRIP# Signal
Regardless of whether or not Thermal Monitor or Thermal Monitor 2 is enabled, in the
event of a catastrophic cooling failure, the processor will automatically shut down when
the silicon has reached an elevated temperature (refer to the THERMTRIP# definition in
Table 25). At this point, the FSB signal THERMTRIP# will go active and stay active as
described in Table 25. THERMTRIP# activation is independent of processor activity and
does not generate any bus cycles. If THERMTRIP# is asserted, processor core voltage
(VCC) must be removed within the timeframe defined in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com