Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 75 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 75 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 71Page - Intel Corporation Q6000 Datasheet HTML 72Page - Intel Corporation Q6000 Datasheet HTML 73Page - Intel Corporation Q6000 Datasheet HTML 74Page - Intel Corporation Q6000 Datasheet HTML 75Page - Intel Corporation Q6000 Datasheet HTML 76Page - Intel Corporation Q6000 Datasheet HTML 77Page - Intel Corporation Q6000 Datasheet HTML 78Page - Intel Corporation Q6000 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
Datasheet
75
Thermal Specifications and Design Considerations
Table 29.
Thermal Profile 95 W Processors
Power
(W)
Maximum
Tc (°C)
Power
(W)
Maximum
Tc (°C)
Power
(W)
Maximum
Tc (°C)
Power
(W)
Maximum
Tc (°C)
0
44.4
28
52.2
56
60.1
84
67.9
2
45.0
30
52.8
58
60.6
86
68.5
4
45.5
32
53.4
60
61.2
88
69.0
6
46.1
34
53.9
62
61.8
90
69.6
8
46.6
36
54.5
64
62.3
92
70.2
10
47.2
38
55.0
66
62.9
94
70.7
12
47.8
40
55.6
68
63.4
95
71.0
14
48.3
42
56.2
70
64.0
16
48.9
44
56.7
72
64.6
18
49.4
46
57.3
74
65.1
20
50.0
48
57.8
76
65.7
22
50.6
50
58.4
78
66.2
24
51.1
52
59.0
80
66.8
26
51.7
54
59.5
82
67.4
Figure 17.
Thermal Profile 95 W Processors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com