Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 18 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 18 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 14Page - Intel Corporation Q6000 Datasheet HTML 15Page - Intel Corporation Q6000 Datasheet HTML 16Page - Intel Corporation Q6000 Datasheet HTML 17Page - Intel Corporation Q6000 Datasheet HTML 18Page - Intel Corporation Q6000 Datasheet HTML 19Page - Intel Corporation Q6000 Datasheet HTML 20Page - Intel Corporation Q6000 Datasheet HTML 21Page - Intel Corporation Q6000 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
Electrical Specifications
18
Datasheet
2.5.2
DC Voltage and Current Specification
Table 4.
Voltage and Current Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1, 2
NOTES:
1.
Unless otherwise noted, all specifications in this table are based on estimates and simulations or empirical data.
These specifications will be updated with characterized data from silicon measurements at a later date.
2.
Adherence to the voltage specifications for the processor are required to ensure reliable processor operation.
VID Range
VID
0.8500
—
1.5
V
3
3.
Each processor is programmed with a maximum valid voltage identification value (VID), which is set at
manufacturing and can not be altered. Individual maximum VID values are calibrated during manufacturing such
that two processors at the same frequency may have different settings within the VID range. Note this differs
from the VID employed by the processor during a power management event (Thermal Monitor 2, Enhanced Intel
SpeedStep® Technology, or Extended HALT State).
VCC
Processor Number
QX6850
QX6800
QX6700
Q6700
Q6600
VCC for
775_VR_CONFIG_05
3.00 GHz
2.93 GHz
2.66 GHz
2.66 GHz
2.40 GHz
Refer to Table 5 and
Figure 1
V
4, 5, 6
4.
These voltages are targets only. A variable voltage source should exist on systems in the event that a different
voltage is required. See Section 2.3 and Table 2 for more information.
5.
The voltage specification requirements are measured across VCC_SENSE and VSS_SENSE lands at the socket
with a 100 MHz bandwidth oscilloscope, 1.5 pF maximum probe capacitance, and 1 MΩ minimum impedance.
The maximum length of ground wire on the probe should be less than 5 mm. Ensure external noise from the
system is not coupled into the oscilloscope probe.
6.
Refer to Table 5 and Figure 1 for the minimum, typical, and maximum V
CC allowed for a given current. The
processor should not be subjected to any VCC and ICC combination wherein VCC exceeds VCC_MAX for a given
current.
VCC_BOOT
Default VCC voltage for initial power up
—
1.10
—
V
VCCPLL
PLL VCC
- 5%
1.50
+ 5%
ICC
Processor Number
QX6850
QX6800
QX6700
Q66007
7. These processors have CPUID = 06F7h
ICC for
775_VR_CONFIG_05B
3.00 GHz
2.93 GHz
2.66 GHz
2.40 GHz
——
125
125
125
115
A
8
Processor Number
Q6700
Q66009
ICC for
775_VR_CONFIG_05A
2.66 GHz
2.40 GHz
115
115
8
ITCC
ICC TCC active
—
—
ICC
A
10
VTT
FSB termination voltage
(DC + AC specifications)
1.14
1.20
1.26
V
11, 12
VTT_OUT_LEFT
and
VTT_OUT_RIGHT
ICC
DC Current that may be drawn from
VTT_OUT_LEFT and VTT_OUT_RIGHT per pin
—
—
580
mA
ITT
ICC for VTT supply before VCC stable
ICC for VTT supply after VCC stable
——
8.0
7.0
A
13
ICC_VCCPLL
ICC for PLL land
—
—
130
mA
ICC_GTLREF
ICC for GTLREF
—
-—
200
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com