Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 91 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 91 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 87Page - Intel Corporation Q6000 Datasheet HTML 88Page - Intel Corporation Q6000 Datasheet HTML 89Page - Intel Corporation Q6000 Datasheet HTML 90Page - Intel Corporation Q6000 Datasheet HTML 91Page - Intel Corporation Q6000 Datasheet HTML 92Page - Intel Corporation Q6000 Datasheet HTML 93Page - Intel Corporation Q6000 Datasheet HTML 94Page - Intel Corporation Q6000 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 98 page
background image
Datasheet
91
Boxed Processor Specifications
Figure 26.
Boxed Processor Fan Heatsink Power Cable Connector Description
Table 32.
Fan Heatsink Power and Signal Specifications
Description
Min
Typ
Max
Unit
Notes
+12 V: 12 volt fan power supply
11.4
12
12.6
V
-
IC:
- Maximum fan steady-state current draw
- Average fan steady-state current draw
- Maximum fan start-up current draw
- Fan start-up current draw maximum
duration
—
—
—
—
1.2
0.5
2.2
1.0
—
—
—
—
A
A
A
Second
-
SENSE: SENSE frequency
—
2
—
pulses per
fan
revolution
1
NOTES:
1. Baseboard should pull this pin up to 5 V with a resistor.
CONTROL
21
25
28
Hz
2, 3
2. Open drain type, pulse width modulated.
3. Fan will have pull-up resistor to 4.75 V maximum of 5.25 V.
Pin
Signal
12 34
1
2
3
4
GND
+12 V
SENSE
CONTROL
Straight square pin, 4-pin terminal housing with
polarizing ribs and friction locking ramp.
0.100" pitch, 0.025" square pin width.
Match with straight pin, friction lock header on
mainboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com