Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 41 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 41 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 37Page - Intel Corporation Q6000 Datasheet HTML 38Page - Intel Corporation Q6000 Datasheet HTML 39Page - Intel Corporation Q6000 Datasheet HTML 40Page - Intel Corporation Q6000 Datasheet HTML 41Page - Intel Corporation Q6000 Datasheet HTML 42Page - Intel Corporation Q6000 Datasheet HTML 43Page - Intel Corporation Q6000 Datasheet HTML 44Page - Intel Corporation Q6000 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
Datasheet
41
Land Listing and Signal Descriptions
Figure 14.
land-out Diagram (Top View – Right Side)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VID_SEL
ECT
VSS_MB_
REGULATION
VCC_MB_
REGULATION
VSS_
SENSE
VCC_
SENSE
VSS
VSS
AN
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VID7
FC40
VID6
VSS
VID2
VID0
VSS
AM
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VSS
VID3
VID1
VID5
VRDSEL PROCHOT#
FC25
AL
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VSS
FC8
VSS
VID4
ITP_CLK0
VSS
FC24
AK
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VSS
A35#
A34#
VSS
ITP_CLK1
BPM0#
BPM1#
AJ
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VSS
VSS
A33#
A32#
VSS
RSVD
VSS
AH
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VSS
A29#
A31#
A30#
BPM5#
BPM3#
TRST#
AG
VCC
VSS
VCC
VCC
VSS
VCC
VCC
VSS
VSS
A27#
A28#
VSS
BPM4#
TDO
AF
VCC
VSS
VCC
VCC
VSS
VCC
SKTOCC#
VSS
RSVD
VSS
RSVD
FC18
VSS
TCK
AE
VCC
VSS
A22#
ADSTB1#
VSS
FC36
BPM2#
TDI
AD
VCC
VSS
VSS
A25#
RSVD
VSS
DBR#
TMS
AC
VCC
VSS
A17#
A24#
A26#
FC37
IERR#
VSS
AB
VCC
VSS
VSS
A23#
A21#
VSS
FC39
VTT_OUT_
RIGHT
AA
VCC
VSS
A19#
VSS
A20#
FC17
VSS
FC0
Y
VCC
VSS
A18#
A16#
VSS
TESTHI1
TDI_M
MSID0
W
VCC
VSS
VSS
A14#
A15#
VSS
RSVD
MSID1
V
VCC
VSS
A10#
A12#
A13#
FC30
FC29
TDO_M
U
VCC
VSS
VSS
A9#
A11#
VSS
FC4
COMP1
T
VCC
VSS
ADSTB0#
VSS
A8#
FERR#/
PBE#
VSS
COMP3
R
VCC
VSS
A4#
RSVD
VSS
INIT#
SMI#
TESTHI11
P
VCC
VSS
VSS
RSVD
RSVD
VSS
IGNNE#
PWRGOOD
N
VCC
VSS
REQ2#
A5#
A7#
STPCLK#
THERMTRI
P#
VSS
M
VCC
VSS
VSS
A3#
A6#
VSS
TESTHI13
LINT1
L
VCC
VSS
REQ3#
VSS
REQ0#
A20M#
VSS
LINT0
K
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VSS
REQ4#
REQ1#
VSS
FC22
FC3
VTT_OUT_
LEFT
J
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
TESTHI10
FC35
VSS
GTLREF1
GTLREF0
H
D29#
D27#
DSTBN1#
DBI1#
GTLRE
F2
D16#
BPRI#
DEFER#
RSVD
PECI
BPMb2#
BPMb3#
COMP2
BPMb0#
G
D28#
VSS
D24#
D23#
VSS
D18#
D17#
VSS
FC21
RS1#
VSS
BR0#
GTLREF3
F
VSS
D26#
DSTBP1#
VSS
D21#
D19#
VSS
RSVD
RSVD
FC20
HITM#
TRDY#
VSS
E
RSVD
D25#
VSS
D15#
D22#
VSS
D12#
D20#
VSS
VSS
HIT#
VSS
ADS#
RSVD
D
D52#
VSS
D14#
D11#
VSS
BPMb1#
DSTBN0#
VSS
D3#
D1#
VSS
LOCK#
BNR#
DRDY#
C
VSS
COMP8
D13#
VSS
D10#
DSTBP0#
VSS
D6#
D5#
VSS
D0#
RS0#
DBSY#
VSS
B
D50#
COMP0
VSS
D9#
D8#
VSS
DBI0#
D7#
VSS
D4#
D2#
RS2#
VSS
A
14
13
12
11
10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com