Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 19 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 19 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 15Page - Intel Corporation Q6000 Datasheet HTML 16Page - Intel Corporation Q6000 Datasheet HTML 17Page - Intel Corporation Q6000 Datasheet HTML 18Page - Intel Corporation Q6000 Datasheet HTML 19Page - Intel Corporation Q6000 Datasheet HTML 20Page - Intel Corporation Q6000 Datasheet HTML 21Page - Intel Corporation Q6000 Datasheet HTML 22Page - Intel Corporation Q6000 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
Datasheet
19
Electrical Specifications
8.
ICC_MAX specification is based on the VCC_MAX loadline. Refer to Figure 1 for details.
9. These Processors have CPUID = 06FBh
10.
The maximum instantaneous current the processor will draw while the thermal control circuit is active (as
indicated by the assertion of PROCHOT#) is the same as the maximum ICC for the processor.
11.
VTT must be provided via a separate voltage source and not be connected to VCC. This specification is measured
at the land.
12.
Baseboard bandwidth is limited to 20 MHz.
13.This is maximum total current drawn from VTT plane by only the processor. This specification does not include
the current coming from RTT (through the signal line). Refer to the Voltage Regulator-Down (VRD) 11.0 Processor
Power Delivery Design Guidelines For Desktop LGA775 Socket to determine the total ITT drawn by the system.
This parameter is based on design characterization and is not tested.
Table 5.
VCC Static and Transient Tolerance
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
NOTES:
1.
The loadline specification includes both static and transient limits except for overshoot allowed
as shown in Section 2.5.3.
2.
This table is intended to aid in reading discrete points on Figure 1.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE
lands. Voltage regulation feedback for voltage regulator circuits must be taken from processor
VCC and VSS lands. Refer to the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery Design
Guidelines For Desktop LGA775 Socket
for socket loadline guidelines and VR implementation details.
4.
Adherence to this loadline specification is required to ensure reliable processor operation.
Maximum Voltage
1.30 mΩ
Typical Voltage
1.38 mΩ
Minimum Voltage
1.45 mΩ
0
0.000
-0.019
-0.038
5
-0.007
-0.026
-0.045
10
-0.013
-0.033
-0.053
15
-0.020
-0.040
-0.060
20
-0.026
-0.047
-0.067
25
-0.033
-0.053
-0.074
30
-0.039
-0.060
-0.082
35
-0.046
-0.067
-0.089
40
-0.052
-0.074
-0.096
45
-0.059
-0.081
-0.103
50
-0.065
-0.088
-0.111
55
-0.072
-0.095
-0.118
60
-0.078
-0.102
-0.125
65
-0.085
-0.108
-0.132
70
-0.091
-0.115
-0.140
75
-0.098
-0.122
-0.147
78
-0.101
-0.126
-0.151
85
-0.111
-0.136
-0.161
90
-0.117
-0.143
-0.169
95
-0.124
-0.150
-0.176
100
-0.130
-0.157
-0.183
105
-0.137
-0.163
-0.190
110
-0.143
-0.170
-0.198
115
-0.150
-0.177
-0.205
120
-0.156
-0.184
-0.212
125
-0.163
-0.191
-0.219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com