Electronic Components Datasheet Search
  English  ▼

X  

Q6000 Datasheet(PDF) 11 Page - Intel Corporation

Part # Q6000
Description  on 65 nm Process in the 775-land LGA Package supporting Intel 64 architecture
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Q6000 Datasheet(HTML) 11 Page - Intel Corporation

Back Button Q6000 Datasheet HTML 7Page - Intel Corporation Q6000 Datasheet HTML 8Page - Intel Corporation Q6000 Datasheet HTML 9Page - Intel Corporation Q6000 Datasheet HTML 10Page - Intel Corporation Q6000 Datasheet HTML 11Page - Intel Corporation Q6000 Datasheet HTML 12Page - Intel Corporation Q6000 Datasheet HTML 13Page - Intel Corporation Q6000 Datasheet HTML 14Page - Intel Corporation Q6000 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
Datasheet
11
Introduction
• Enhanced Intel Technology SpeedStep® Technology — Enhanced Intel
Technology SpeedStep® Technology allows trade-offs to be made between
performance and power consumptions, based on processor utilization. This may
lower average power consumption (in conjunction with OS support).
• Intel® Virtualization Technology (Intel® VT) — Intel Virtualization Technology
provides silicon-based functionality that works together with compatible Virtual
Machine Monitor (VMM) software to improve upon software-only solutions. Because
this virtualization hardware provides a new architecture upon which the operating
system can run directly, it removes the need for binary translation. Thus, it helps
eliminate associated performance overhead and vastly simplifies the design of the
VMM, in turn allowing VMMs to be written to common standards and to be more
robust. See the Intel® Virtualization Technology Specification for the IA-32 Intel®
Architecture for more details.
1.2
References
Material and concepts available in the following documents may be beneficial when
reading this document.
§ §
Table 1.
References
Document
Location
Intel® Core™2 Extreme Quad-Core Processor QX6000 Sequence
and Intel® Core™2 Quad Processor Q6000 Sequence
Specification Update
http://www.intel.com/design/
processor/specupdt/
315593.htm
Intel® Core™2 Extreme Quad-Core Processor and Intel®
Core™2 Quad Processor Thermal and Mechanical Design
Guidelines
http://www.intel.com/design/
processor/designex/
315594.htm
Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery
Design Guidelines For Desktop LGA775 Socket
http://www.intel.com/design/
processor/applnots/
313214.htm
Balanced Technology Extended (BTX) System Design Guide
www.formfactors.org
Intel® Virtualization Technology Specification for the IA-32
Intel® Architecture
http://www.intel.com/
technology/computing/
vptech/index.htm
LGA775 Socket Mechanical Design Guide
http://intel.com/design/
Pentium4/guides/
302666.htm
Intel® 64 and IA-32 Architecture Software Developer’s Manuals
Volume 1: Basic Architecture
http://www.intel.com/
products/processor/manuals/
Volume 2A: Instruction Set Reference, A-M
http://www.intel.com/
products/processor/manuals/
Volume 2B: Instruction Set Reference, N-Z
http://www.intel.com/
products/processor/manuals/
Volume 3A: System Programming Guide
http://www.intel.com/
products/processor/manuals/
Volume 3B: System Programming Guide
http://www.intel.com/
products/processor/manuals/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com