Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 8 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button R261 Datasheet HTML 4Page - ON Semiconductor R261 Datasheet HTML 5Page - ON Semiconductor R261 Datasheet HTML 6Page - ON Semiconductor R261 Datasheet HTML 7Page - ON Semiconductor R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor R261 Datasheet HTML 10Page - ON Semiconductor R261 Datasheet HTML 11Page - ON Semiconductor R261 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
BelaSigna R261
http://onsemi.com
8
Application Diagrams
Figure 2. Typical Application Diagram for 26−ball WLCSP Package Option
Interrupt
Controller
Power Mgt
PLL and
Clock
Detection
Algorithm
Protection
Timers
SPI
UART
Output
Driver0
GPIO
BelaSigna R261−W26
Preamps
A/D
A/D
MIC0
MIC2
Microphone 0
Microphone 1
VREG (1V) or VDDA (2V)
Depends on microphone
I2C_SDA
** Multiplexed with other functionalities
EXT_CLK
VSSA
VSSD
10 nF
100 nF
VSSA
3.3 V
I2C_SCL
Optional
EEPROM
SPI_CS**
SPI_CLK**
SPI_SERI**
SPI_SERO**
PCM/I2S
Interpolation
D/A
Ch0
Ch1
DMIC
SLEEP_CTRL**
ALGO_CTRL**
DMIC_OUT
LSAD
CONFIG_SEL**
ATT_SEL**
VREG
AGND
VSSA
Debug Port
DEBUG_RX
DEBUG_TX
VSSD
Custom
Mode
Handler
DSP−Based
Application Controller
Two−Microphone
Noise Reduction
(BSE)
Algorithm
Control
Sleep
Control
H/W
Selection
Boot
Selection
Command
Handler
Mode
Switching
System
Monitoring
VDDO
VSSD
A_OUT1
AI3/VMIC/LOUT0
2.2 kW
I2C
1 mF1 mF1 mF1 mF1 mF
Mode
Config
Decimation
(16 kbit)
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com