Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 4 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 4 Page - ON Semiconductor

  R261 Datasheet HTML 1Page - ON Semiconductor R261 Datasheet HTML 2Page - ON Semiconductor R261 Datasheet HTML 3Page - ON Semiconductor R261 Datasheet HTML 4Page - ON Semiconductor R261 Datasheet HTML 5Page - ON Semiconductor R261 Datasheet HTML 6Page - ON Semiconductor R261 Datasheet HTML 7Page - ON Semiconductor R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
BelaSigna R261
http://onsemi.com
4
Table 2. ELECTRICAL CHARACTERISTICS (continued) (The typical parameters in Table 2 were measured at 20°C with a clean
3.3 V supply voltage (unless noted differently). Parameters marked as screened are tested on each chip. Other parameters are qualified
for all process corners but not tested on every part.)
Parameter
Screened
Unit
Max
Typ
Min
Test Conditions / Notes
Symbol
DIGITAL MICROPHONE OUTPUT
DMIC input clock frequency
DMIC_CLK3
With preset 3 elected on
CONFIG_SEL
2.8
MHz
DMIC_CLK4
With preset 2 selected on
CONFIG_SEL
3.072
MHz
Clock duty cycle
DMIC_DC
Any clock configuration
40
50
60
%
Input clock jitter
DMIC_JITTER Maximum allowed jitter on the
DMIC_CLK
10
ns
Setup time
DMIC_SETUP DMIC_OUT setup time relat-
ive to DMIC_CLK edge
0.5
1.5
SYSCLK
cycles
Hold time
DMIC_HOLD DMIC_OUT hold time relative
to DMIC_CLK edge
10
100
ns
ANALOG OUTPUT STAGE
Signal Range
AO_Range
One single ended DAC used
0
2
Vpp
Two DACs used as one
differential output
0
4
Vpp
Attenuator gain tolerance
Vout_Att_Tol
−2
2
dB
Output impedance
AO_Rout
@ 12 dB output attenuation
16
kW
@ 0 dB output attenuation
3
kW
Channel cross coupling
AO_Coupling
−65
dB
Analog Filter cut−off frequency
AnaOF_FC1
LPF Enabled
13
13.5
kHz
LPF Disabled
25
26
kHz
Analog Filter passband flatness
AnaOF_PB_F
−1
1
dB
Analog filter stopband
attenuation
AnaOF_SB_A > 60 kHz
90
dB
Digital Filter cut−off frequency
DigOF_FC
8
kHz
Digital Filter cut−off stopband
attenuation
DigOF_SB_A
80
dB
Total Harmonic Distortion +
Noise (Peak value)
AO_THDN
−64
−68
dB
Dynamic Range
AO_DR
−80
−82
dB
NoiseFloor
AO_NF
100
mV
DIRECT DIGITAL OUTPUT (available only through custom mode)
Supply voltage
VBATRCVR
1.8
3.3
3.63
V
Signal Range
RCVR_Range One Differential Output Driver
used @ 1 kHz
0
2*VBAT
RCVR
Vpp
Single ended Output Driver
used @ 1 kHz
0
VBATRC
VR
Vpp
Output Impedance
RCVR_Rout
Load between
1 mA and 30 mA
3
4
W
Maximum Current
RCVR_IMax
90
mA
Total Harmonic Distortion +
Noise (Peak value)
RCVR_THDN
−70
−71
dB
Dynamic Range
RCVR_DR
−85
−86
dB
NoiseFloor
RCVR_NF
73
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com