Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 24 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button R261 Datasheet HTML 20Page - ON Semiconductor R261 Datasheet HTML 21Page - ON Semiconductor R261 Datasheet HTML 22Page - ON Semiconductor R261 Datasheet HTML 23Page - ON Semiconductor R261 Datasheet HTML 24Page - ON Semiconductor R261 Datasheet HTML 25Page - ON Semiconductor R261 Datasheet HTML 26Page - ON Semiconductor R261 Datasheet HTML 27Page - ON Semiconductor R261 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
BelaSigna R261
http://onsemi.com
24
Power Management Strategy & Battery Monitoring
BelaSigna R261 has a built−in power management unit
that guarantees valid system operation under any voltage
supply condition to prevent any unexpected audio output as
the result of any supply irregularity. The unit constantly
monitors the power supply and shuts down all functional
units (including all units in the audio path) when the power
supply voltage goes below a level at which point valid
operation can no longer be guaranteed.
The power management unit on BelaSigna R261 includes
power−on−reset (POR) functionality as well as power
supervisory circuitry, as shown in Figure 13. These two
components work together to ensure proper device
operation under all battery conditions.
The POR sequence is designed to ensure proper system
behavior during start−up and proper system configuration
after start−up. At the start of the POR sequence, the audio
output is disabled and all configuration and control registers
are asynchronously reset to their default values.
The power supervisory circuitry monitors the battery
supply voltage (VBAT). This circuit is used to start the
system when VBAT reaches a safe startup voltage, and to
reset the system when it drops below a relevant voltage
threshold. The relevant parameters are shown in Table 15.
Table 15. POWER MANAGEMENT PARAMETERS
Parameters
Voltage Level
VBAT startup (POR_THR_UP)
1.65 V ± 80 mV
VBAT shutdown (POR_THR_DN)
1.6 V ± 50 mV
POR duration (POR_TIME)
5.6 ms
The POR sequence consists of two phases: voltage supply
stabilization and boot ROM initialization. During the voltage
supply stabilization phase, the following steps are performed:
1. The internal regulators are enabled and allowed to
stabilize
2. The internal charge pump is enabled and allowed
to stabilize
3. SYSCLK is connected to all of the system
components (Free−running PLL output)
4. The system runs the ROM application
At step 1, once the supply voltage rises above the startup
voltage (POR_THR) and remains there for a certain time
(POR_TIME), a signal will enable the charge pump.
At step 2, another POR_TIME delay is implemented to
allow the charge pump to stabilize before toggling the POR
signal, and thus enabling the digital core.
If the supply is consistent, the internal system voltage will
then remain at a fixed nominal voltage. If a spike occurs that
causes the voltage to drop below the shutdown internal
system voltage (POR_THR), the system will shut down. If
the voltage rises again above the startup voltage and remains
there for the required time (POR_TIME), a POR sequence
will occur again.
See the electrical characteristics on Table 2 for details on
POR_THR and POR_TIME.
Once the ROM application is running, more system
monitoring is performed by the application; typically, the
software will permanently monitor the presence of an external
clock, and take the appropriate actions whenever it disappears.
See the system monitoring section for more information.
Digital Communication Interfaces
Debug Port (UART)
BelaSigna R261 has an RS232−based UART that can be
used to interface the chip from ON Semiconductor’s
communication tools. The debug port cannot be used for
customer applications. BelaSigna R261 can only be
configured using the I2C interface. See the I2C interface
section for information on how communication tools can
interface with BelaSigna R261.
General−Purpose Input Output (GPIO) Ports
BelaSigna R261 has five GPIO ports which are all used
with specific functionalities. The five signals are
SPI_CLK/CONFIG_SEL, SPI_CS/ATT_SEL, SPI_SERO/
ALGO_CTRL, SPI_SERI/SLEEP_CTRL and BOOT_SEL.
The BOOT_SEL pin controls the behavior of the four
other GPIOs, as defined in the Booting Control section.
When not used as an SPI port, these four other pins will act
as GPIOs (ALGO_CTRL and SLEEP_CTRL) or as LSADs
(ATT_SEL and CONFIG_SEL).
When used as GPIOs, all pins have pull−up resistors
(BOOT_SEL, SLEEP_CTRL and ALGO_CTRL). When
used as LSADs (ATT_SEL and CONFIG_SEL), the
pull−ups are disabled. If left floating in LSAD mode, the
pins have a weak pull−down to ground.
See the Booting Control, Sleep Mode Control and
Algorithm Control sections earlier in this document for
details on the behavior of these GPIO ports.
I2C Interface
The I2C interface is an industry−standard interface that
can be used for high−speed transmission of data between
BelaSigna R261 and an external device. The interface
operates at speeds up to 400 kbit/sec. In product
development mode, the I2C interface is used for application
debugging purposes, communicating with the BelaSigna
R261 development tools, also known as SignaKlara
Development Utility (SKDU). The interface always
operates in slave mode and the slave address is 0x61.
A comprehensive command interface can be used with
SKDU. It will offer a variety of support functions grouped
in different categories like general system control (system
reset, status information), application control (switching
between operating modes, enabling or disabling the
algorithm), hardware setup (for custom configuration of the
various hardware units like clocking, input/output stages),
algorithm setup (amplitude management, custom algorithm
mode loading) and finally the low−level I2C protocol is also
supported. More details on this command interface can be
found in the “BelaSigna R261 Configuration and
Communications Guide”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com