Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 11 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button R261 Datasheet HTML 7Page - ON Semiconductor R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor R261 Datasheet HTML 10Page - ON Semiconductor R261 Datasheet HTML 11Page - ON Semiconductor R261 Datasheet HTML 12Page - ON Semiconductor R261 Datasheet HTML 13Page - ON Semiconductor R261 Datasheet HTML 14Page - ON Semiconductor R261 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
BelaSigna R261
http://onsemi.com
11
Table 4. CRITICAL SIGNALS
Pin Name
Description
Connection Guidelines
VBAT
Power supply
Place 1 mF (min) decoupling capacitor close to pin
Connect negative terminal of capacitor to analog ground plane
VREG, VDDA
Internal regulator for analog
blocks
Place separate 1 mF decoupling capacitors close to each pin
Connect negative capacitor terminal to analog ground plane
Keep away from digital traces and output traces
VREG and VDDA may be used to generate microphone bias
VSSA
Analog ground return
Connect to analog ground plane
VDDD
Internal regulator for digital core
Place 1 mF decoupling capacitor close to pin
Connect negative terminal of capacitor to VSSD
VSSD
Digital ground return
Connect to digital ground plane
VDDO
Digital I/O power
Place 1 mF decoupling capacitor close to pin
Connect to VBAT, unless the pad ring must use different voltage levels
MIC0, MIC2,
AI1/LOUT1,
AI3/VMIC/LOUT0
Audio inputs / Microphone bias
Keep traces as short as possible
Keep away from all digital traces and audio outputs
Avoid routing in parallel with other traces
A_OUT0, A_OUT1
Audio outputs
Keep away from audio inputs
Differential traces should be of approximately the same length
Ideally, route lines parallel to each other
VSSRCVR
Output stage ground return
Connect to star ground point
Keep away from all analog audio inputs
EXT_CLK
External clock input
Minimize trace length
Keep away from analog signals
If possible, surround with digital ground
DMIC_OUT
Digital Microphone Output
Minimize trace length
Keep away from analog signals
If possible, surround with digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com