Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 17 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button R261 Datasheet HTML 13Page - ON Semiconductor R261 Datasheet HTML 14Page - ON Semiconductor R261 Datasheet HTML 15Page - ON Semiconductor R261 Datasheet HTML 16Page - ON Semiconductor R261 Datasheet HTML 17Page - ON Semiconductor R261 Datasheet HTML 18Page - ON Semiconductor R261 Datasheet HTML 19Page - ON Semiconductor R261 Datasheet HTML 20Page - ON Semiconductor R261 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
BelaSigna R261
http://onsemi.com
17
Table 9. CLOCKING, OUTPUT STAGE AND ALGORITHM CONFIGURATION OPTIONS
Clock, Output Stage &
Algorithm Configuration
Voltage Range (V)
0 (High)
1
2
3
4
5
6
7 (Low)
0.93−1.00
0.79−0.91
0.65−0.77
0.50−0.63
0.36−0.49
0.22−0.35
0.08−0.21
0 − 0.07
External
Clock
Frequency
(MHz)
2.048
X
X
2.4
X
3.072
X
2.8
X
19.2
X
26
X
X
Output
Stage Con-
figuration
DMIC Stereo
X
X
X
X
X
Analog Mono
X
X
X
X
X
X
X
X
Algorithm Mode
Mode0
Mode0
Mode0
Mode0
Mode0
Mode1
Mode1
Mode1
Far−Talk
Close−Talk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com