Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 1 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 1 Page - ON Semiconductor

  R261 Datasheet HTML 1Page - ON Semiconductor R261 Datasheet HTML 2Page - ON Semiconductor R261 Datasheet HTML 3Page - ON Semiconductor R261 Datasheet HTML 4Page - ON Semiconductor R261 Datasheet HTML 5Page - ON Semiconductor R261 Datasheet HTML 6Page - ON Semiconductor R261 Datasheet HTML 7Page - ON Semiconductor R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2010
November, 2010 − Rev. P2
1
Publication Order Number:
BR261/D
BelaSigna R261
Advance Information
Advanced Noise Reduction
Solution for Voice Capture
Devices
Introduction
BelaSigna® R261 is a complete system−on−chip (SoC) solution that
provides advanced dual−microphone noise reduction in voice capture
applications such as laptops, mobile phones, webcams, tablet
computers and other applications that will benefit from improved
voice clarity.
Featuring a novel approach to removing mechanical, stationary and
non−stationary noise, the chip preserves voice naturalness for greater
speech intelligibility even when the talker is further away or not
optimally aligned with microphones providing unmatched freedom of
movement for end−users. Designed to be compatible with a wide
range of codecs, baseband chips and microphones without the need for
calibration, BelaSigna R261 is easy to integrate, improving
manufacturers’ speed to market.
Additional features include the ability to customize multiple voice
capture modes and tune the algorithm to the unique needs of a
manufacturer’s device. The chip includes a highly optimized
DSP−based application controller with industry−leading energy
efficiency and is packaged in two highly compact 5.3 mm2 WLCSPs
to fit into even the most sized−constrained architectures and allow the
use of the cheapest printed circuit board design technologies.
Key Features
• Advanced Two−Microphone Noise Reduction Algorithm
• Preserves Voice Naturalness
• Supports Close−Talk and Far−Talk
• Conference Mode enables 360 Degrees Voice Pick−up
• Configurable Algorithm Performance
• Ultra Low Power Consumption
• Ultra Miniature Form Factor
• Complete System−on−Chip (SoC)
• Highly Flexible Clocking Architecture
• Hardware Configuration Interfaces
• Prototyping Tools
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
• Laptop Computers
• Mobile Phones
• Tablet PCs
• Webcams
• Any Portable Audio Application with Voice Pick−up
This document contains information on a new product. Specifications and information
herein are subject to change without notice.
http://onsemi.com
BR261
W30
ALYW
1
MARKING DIAGRAMS
WLCSP−30
W SUFFIX
CASE 567CT
See detailed ordering and shipping information in the package
dimensions section on page 28 of this data sheet.
ORDERING INFORMATION
BR261
= BelaSigna R261
W30
= 30−ball version
W26
= 26−ball version
A
= Assembly Location
L
= Wafer Lot
YW
= Date Code Year & Week
= Pb−Free Package
= A1 Corner Indicator
WLCSP−26
W SUFFIX
CASE 567CY
BR261
W26
ALYW
1


Similar Part No. - R261

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
R26102BGL OKAYA-R26102BGL Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
R26151BGL OKAYA-R26151BGL Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
R26152BGL OKAYA-R26152BGL Datasheet
84Kb / 1P
SURGE PROTECTIVE DEVICES
More results

Similar Description - R261

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
NOISE REDUCTION
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
Noise Reduction Processor
logo
ON Semiconductor
R262 ONSEMI-R262 Datasheet
241Kb / 28P
Wideband Voice Capture and Noise Reduction Solution
September, 2012 ??Rev. 0
BR261W30A101E1G ONSEMI-BR261W30A101E1G Datasheet
265Kb / 31P
Advanced Noise Reduction Solution for Voice Capture Devices
November, 2012 ??Rev. 2
BR281Q32A101V1G ONSEMI-BR281Q32A101V1G Datasheet
294Kb / 11P
Always-Listening, Voice Trigger Solution
August, 2015 ??Rev. 0
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
Audible Noise Reduction Techniques
logo
ON Semiconductor
BR262 ONSEMI-BR262_12 Datasheet
230Kb / 24P
Wideband Voice Capture
November, 2012 ??Rev. 2
R281 ONSEMI-R281_16 Datasheet
368Kb / 13P
Always-Listening, Voice Trigger Solution
September, 2016 ??Rev. 1
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
Pop noise reduction function
logo
ON Semiconductor
R281 ONSEMI-R281 Datasheet
265Kb / 11P
Always-Listening, Voice Trigger Solution
March, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com