Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 20 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button R261 Datasheet HTML 16Page - ON Semiconductor R261 Datasheet HTML 17Page - ON Semiconductor R261 Datasheet HTML 18Page - ON Semiconductor R261 Datasheet HTML 19Page - ON Semiconductor R261 Datasheet HTML 20Page - ON Semiconductor R261 Datasheet HTML 21Page - ON Semiconductor R261 Datasheet HTML 22Page - ON Semiconductor R261 Datasheet HTML 23Page - ON Semiconductor R261 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
BelaSigna R261
http://onsemi.com
20
Interpolation
Filter
Output
Driver 0
A_OUT0
A_OUT1
Combiner
DMIC_OUT
From
Application
Channel 0
DAC0
DAC1
From
Application
Channel 1
Digital
Analog
Output Stage Channel 0
Output
Modulator
Interpolation
Filter
Output Stage Channel 1
Output
Modulator
M
U
X
Inversion
Delay,
inversion
and
muxing
Figure 10. Output Stage
OA0
LPF
OA1
LPF
The digital microphone interface provides the PDM
signals directly on a pin (DMIC_OUT), for interfacing with
the DMIC input of external systems. When using this
interface, the EXT_CLK input to BelaSigna R261 must be
given a DMIC_CLK signal and the system’s clocking must
be set up properly, such as proper synchronization can
happen between the incoming DMIC_CLK and the output
data produced by BelaSigna R261 on its DMIC_OUT pin.
Various DMIC_CLK frequencies are supported through
hardware configuration on the CONFIG_SEL pin, as
discussed earlier. Other frequencies could also be supported
under certain conditions, see the clocking section of this
document for more information on the supported DMIC
clock frequencies.
The DMIC output can be configured to carry a mono or
stereo signal. In fact both left and right signals can be
configured to either contain output stage channel 0 or output
stage channel 1. Also, both left and right can be configured
to be muted independently (driving a ‘0’ all the time).
Figure 11 shows the timing of the DMIC output data
relative to the incoming DMIC_CLK signal. See Table 2 for
electrical specifications of the timing parameters.
Figure 11. DMIC Timing Diagram
DMIC_CLK
DMIC_DATA
Left
Data 0
Right
Data 2
DMIC_
HOLD
DMIC_
HOLD
DMIC_
SETUP
DMIC_
SETUP
Right
Data 0
Left
Data 1
Right
Data 1
The ROM−based application pre−configures the DMIC
interface, such as it always outputs a stereo signal with
Channel 0 as the right signal, and Channel 1 as the left signal.
Table 11 shows the actual signals on the right and left
channels of the DMIC interface, depending on the algorithm
enable/disable bit.
Table 11. DMIC OUTPUT SIGNALS
Algorithm Enabled
Algorithm Disabled
Right
BSE processed signal
Un−processed signal
Left
Un−processed signal
BSE Processed signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com