Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 14 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button R261 Datasheet HTML 10Page - ON Semiconductor R261 Datasheet HTML 11Page - ON Semiconductor R261 Datasheet HTML 12Page - ON Semiconductor R261 Datasheet HTML 13Page - ON Semiconductor R261 Datasheet HTML 14Page - ON Semiconductor R261 Datasheet HTML 15Page - ON Semiconductor R261 Datasheet HTML 16Page - ON Semiconductor R261 Datasheet HTML 17Page - ON Semiconductor R261 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
BelaSigna R261
http://onsemi.com
14
Microphone Placement & Selection
The flexibility of the BelaSigna R261 ROM−based noise
reduction algorithm offers a variety of possible microphone
placements, but the default algorithm will operate optimally
when the microphones are placed in the following
configuration:
• The two microphones are facing the user’s mouth
• The microphone centers are located within 10 to 25 mm
from each other
As mentioned, other configurations that differ from the
above guidelines can be supported through the use of the
custom mode, as described earlier.
BelaSigna R261 does not require any acoustic
microphone calibration procedure.
The selection of the microphones should be made in
cooperation with ON Semiconductor, such as the built−in
algorithm can operate seamlessly. The following guidelines
can be used for a pre−selection:
• Two omni−directional microphones with similar
characteristics should be used
• The microphone sensitivity should be −42 dB (where
0 dB = 1 V/Pa, at 1 kHz)
• The microphones are two terminal microphones
• The microphone power supply is either 1 V, or 2 V if it
has to be provided by BelaSigna R261
• The dynamic range of BelaSigna R261 on its analog
input channels is 2.0 V peak−to−peak, after
amplification by the default gain value of 30 dB using
BelaSigna R261’s input preamplifiers
• When higher sensitivity microphones have to be used,
the preamp gain will be adjustable to match the 2.0 Vpp
input voltage swing on BelaSigna R261, but this will
require a custom tuning operation, as described later.
Operating Modes
The default application in ROM on BelaSigna R261 has
five Operating Modes. The Operating Modes are
summarized in Table 7.
Table 7. OPERATING MODES SUMMARY
Operating
Mode
Switching
Description
Active
Active mode is the default operating mode. The
chip normally enters Active mode upon boot−up
and when exiting Sleep mode. Active mode can
also be entered via I2C from another mode.
In Active mode, the two−microphone noise reduction algorithm is
executed on the audio inputs and both the processed and unpro-
cessed signals are sent to the audio outputs.
Bypass
Bypass mode can only be entered via an I2C
command.
In Bypass mode, no signal processing is done on the audio in-
puts. The inputs are passed directly to the audio outputs.
While in Bypass mode, BelaSigna R261 collects statistics on the
input signals that can be retrieved via I2C. These signal statistics
can be used for level calibration and other debugging. For more
information using Bypass mode for calibration and debugging see
the “BelaSigna R261 Configuration and Communications Guide”
Line−Out
Line−Out mode can only be entered via an I2C
command.
In Line−Out mode, no signal processing or digital processing of
the audio inputs is done. The analog signals from the input stage
preamplifiers are routed back via the lineout pins (LOUT0 and
LOUT1). When in this mode, BelaSigna R261 runs off an internal
clock source, thereby allowing the external clock to be disabled.
Note that LOUT1 is not available on the 26−ball WLCSP package.
Sleep
Sleep mode can be entered via I2C commands or
by using the SLEEP_CTRL pin.
When Sleep mode is entered via I2C, the chip will
exit Sleep mode only based on activity on the
I2C_SCL pin.
When put to Sleep mode via the SLEEP_CTRL
pin, the chip will exit Sleep mode only when the
SLEEP_CTRL pin is toggled again.
Sleep mode will be automatically entered if
BelaSigna R261 detects that a required external
clock is no longer present. For more information,
see the Sleep Control section below.
In Sleep mode no signal processing is done. All analog blocks of
the chip are disabled and the digital core continues to run off an
internal low−speed oscillator, thereby allowing the external clock
to be disabled when the chip is asleep.
This is BelaSigna R261’s lowest power operating mode.
Stand−By
Stand−By mode is an intermediate mode that is
only used when exiting sleep mode by an I2C
command.
When I2C is used to exit Sleep mode, the application will trans-
ition to Stand−By mode, and will wait until the master I2C device
issues a Switch_Mode command to enter another processing
mode like Active, Bypass or Line−Out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com