Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 9 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button R261 Datasheet HTML 5Page - ON Semiconductor R261 Datasheet HTML 6Page - ON Semiconductor R261 Datasheet HTML 7Page - ON Semiconductor R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor R261 Datasheet HTML 10Page - ON Semiconductor R261 Datasheet HTML 11Page - ON Semiconductor R261 Datasheet HTML 12Page - ON Semiconductor R261 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
BelaSigna R261
http://onsemi.com
9
Applications Information
Recommended Circuit Design Guidelines
BelaSigna R261 is designed to allow both digital and
analog processing in a single system. Due to the
mixed−signal nature of this system, careful design of the
printed circuit board (PCB) layout is critical to maintain the
high audio fidelity of BelaSigna R261. To avoid coupling
noise into the audio signal path, keep the digital traces away
from the analog traces. To avoid electrical feedback
coupling, isolate the input traces from the output traces.
Recommended Ground Design Strategy
The ground plane should be partitioned into two parts: the
analog ground plane (VSSA) and the digital ground plane
(VSSD). These two planes should be connected together at
a single point, known as the star point. The star point should
be located at the ground terminal of a capacitor on the output
of the power regulator as illustrated in Figure 3.
Figure 3. Schematic of Ground Scheme
BelaSigna R261
VBAT
VBATRCVR
VDDO
VDDD
VDDA
VREG
Digital Ground Plane
(keep away from
VSSD
Analog Ground Plane
(place under analog side
VSSA
+
Battery
LDO
1.8 V − 3.3 V
VSSRCVR Ground
(route separately to system ground plane)
VSSRCVR
System Ground Plane
of BR261)
analog ground place)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com