Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 12 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor R261 Datasheet HTML 10Page - ON Semiconductor R261 Datasheet HTML 11Page - ON Semiconductor R261 Datasheet HTML 12Page - ON Semiconductor R261 Datasheet HTML 13Page - ON Semiconductor R261 Datasheet HTML 14Page - ON Semiconductor R261 Datasheet HTML 15Page - ON Semiconductor R261 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
BelaSigna R261
http://onsemi.com
12
Table 5. NON−CRITICAL SIGNALS
Pin Name
Description
Connection Guidelines
CAP0, CAP1
Internal charge pump −
capacitor connection
Place 100 nF capacitor very close to pins
I2C_SDA, I2C_SCL
I2C port
Keep as short as possible. Place pull−up resistors (10 k) to VDDO
ALGO_CTRL,
SLEEP_CTRL
Control GPIOs
(Multiplexed with SPI port)
Not critical when used as GPIO
CONFIG_SEL, ATT_SEL
Low−speed A/D converters
(Multiplexed with SPI port)
Not critical when used as LSAD
BOOT_SEL
Control GPIO
Not critical
SPI_CLK, SPI_CS,
SPI_SERO, SPI_SERI
Serial peripheral interface port
(Multiplexed with LSAD and
GPIOs)
Keep away from analog input lines when used as SPI signals
NRESET
Reset
Not critical
Leave unconnected if unused
DEBUG_RX, DEBUG_TX
Debug Port
Not critical
If possible, connect to test points
RESERVED
Reserved pin
Leave unconnected
VBATRCVR
Output driver power supply
If the output driver is being used:
− Place a separate 4.7 mF (min. 2.2 mF) decoupling capacitor
close to pin
− Connect positive terminal of capacitor to VBAT & VBATRCVR
− Connect negative terminal of capacitor to VSSRCVR
If the analog outputs or the DMIC output are being used:
− Decoupling capacitor is not required
− Connect VBATRCVR to VDDA
Audio Inputs
The audio input traces should be as short as possible. The
input impedance of each audio input pad (e.g., MIC0, AI1,
MIC2, AI3) is high (approximately 500 k
W with PAs
enabled); therefore a 10 nF capacitor is sufficient to
decouple the DC bias. This capacitor and the internal
resistance form a first−order analog high pass filter whose
cut−off frequency can be calculated by f3dB (Hz) = 1/(R x C
x 2
π), which results in ~30 Hz for a 10 nF capacitor. This 10
nF capacitor value applies when the preamplifier is being
used, in other words, when a non−unity gain is applied to the
signals; for MIC0 and MIC2, the preamplifier is enabled by
the ROM−based application. When the preamplifier is
by−passed, the impedance is reduced; hence, the cut−off
frequency of the resulting high−pass filter could be too high.
In such a case, the use of a 30−40 nF serial capacitor is
recommended. In cases where line−level analog inputs
without DC bias are used, the capacitor may be omitted for
transparent bass response. ON Semiconductor recommends
avoiding SMT capacitors with X7R dielectric, as it is known
to be microphonic, sensitive to temperature and increase
THD. NPO or COG dielectric capacitors have demonstrated
good performance.
BelaSigna R261 provides a microphone power supply
(VMIC) and ground (VSSA). In case VMIC cannot be used
for PCB routing issues, the power supplies VREG (1.0 V) or
VDDA (2.0 V) can alternatively be used. Keep audio input
traces strictly away from output traces.
Audio outputs must be kept away from microphone inputs
to avoid cross−coupling.
Audio Outputs
The audio output traces should be as short as possible. The
trace length of the two signals should be approximately the
same to provide matched impedances.
Recommendation for Unused Pins
Table 6 shows the connection details for each pin when
they are not used.
Table 6. UNUSED PIN RECOMMENDATIONS
Signal Name
Connection Guidelines
A_OUT0
Do not connect
A_OUT1
Do not connect
AI3/VMIC/LOUT0
Do not connect when con-
figured as VMIC (default)
Connect to VSSA otherwise
AI1/LOUT1
Connect to VSSA
DMIC_OUT
Do not connect
SPI_SERO/ALGO_CTRL
Do not connect
SPI_SERI/SLEEP_CTRL
Do not connect
NRESET
Do not connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com