Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 16 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button R261 Datasheet HTML 12Page - ON Semiconductor R261 Datasheet HTML 13Page - ON Semiconductor R261 Datasheet HTML 14Page - ON Semiconductor R261 Datasheet HTML 15Page - ON Semiconductor R261 Datasheet HTML 16Page - ON Semiconductor R261 Datasheet HTML 17Page - ON Semiconductor R261 Datasheet HTML 18Page - ON Semiconductor R261 Datasheet HTML 19Page - ON Semiconductor R261 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
BelaSigna R261
http://onsemi.com
16
putting the system into Sleep mode and waking it up from
Sleep mode cannot be mixed in the same system design.
The first Sleep mode control mechanism is the
SLEEP_CTRL pin. When using SLEEP_CTRL, the
application will transition into or out of Sleep mode
whenever the digital signal transitions to low and stays low
for at least 20 ms, as shown in Figure 7. The actual transition
between modes can occur at any time during the 20 ms low
period of the signal. When SLEEP_CTRL is used to put the
chip into Sleep mode, only another high−to−low transition
on SLEEP_CTRL or a reset will take the system out of Sleep
mode.
The operating mode after exiting Sleep mode using the
SLEEP_CTRL mechanism is always the same as it was
before entering Sleep mode (Active mode in the case of
Figure 7).
SLEEP_CTRL
Operating Mode
20 ms (min)
Active
Sleep
Active
Figure 7. SLEEP_CTRL Timing Example
20 ms (min)
The second method for Sleep mode control is via the I2C
interface. The Switch_Mode command can be used
directly to switch the system into and out of Sleep mode. If
the Switch_Mode command is used to put the chip into
Sleep mode, only another Switch_Mode command or a
reset will take the system out of Sleep mode. When
waking−up by I2C commands, the following I2C operations
have to be performed by the master I2C to ensure proper
wake−up:
1. Send a NOP command to wake up the I2C
interface. This command will not be interpreted by
BelaSigna R261, so the master will have to deal
with any I2C errors that result.
2. Send the Get_Status command in a while−type
loop, until a response from BelaSigna R261 is
sent, and that confirms that the application is in
Standby Mode.
3. Send a Switch_Mode command to enter the
desired mode (Active, Bypass or Line−Out).
When the NOP command is sent and the chip wakes up, the
master has about one second to complete the above
procedure before the chip goes back to Sleep mode. This
mechanism was put in place to deal with I2C bus traffic that
would
wake
the
chip
up
unintentionally
(i.e.
communications between the master and another slave on
the I2C bus).
The final mechanisms for entering Sleep mode are
considered fail safes to maintain a graceful system shutdown
in the case of invalid operating conditions which could be
that the clock source suddenly stopped. Under this
circumstance, the chip will enter sleep mode to ensure
proper shutdown. More information on this can be found in
the system monitoring section.
The SLEEP_CTRL pin must not be used when the
automatic boot selection method is being used, as described
in Table 9, as BelaSigna R261 will start by searching for an
SPI EEPROM on the multiplexed pins. Consequently, the
SLEEP_CTRL pin must stay unconnected in this mode.
Other mechanisms for controlling sleep mode have to be
used in such cases. This limitation is always there with the
26−ball WLCSP package of BelaSigna R261, since the
BOOT_SEL pin is not available, and hence is always
floating.
Clocking, Output Stage & Algorithm Configuration
As mentioned in the Boot Control section, BelaSigna
R261 can be controlled by hardware configuration when no
EEPROM is present on the application, or when the
BOOT_SEL signal was tied low. The CONFIG_SEL signal
is sampled by BelaSigna R261 during its booting process
using a low−speed A/D converter (LSAD). Based on the
actual voltage that the chip will read on this pin, it will
automatically select a particular clock, output stage and
algorithm configuration, as described in Table 9:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com