Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 25 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button R261 Datasheet HTML 20Page - ON Semiconductor R261 Datasheet HTML 21Page - ON Semiconductor R261 Datasheet HTML 22Page - ON Semiconductor R261 Datasheet HTML 23Page - ON Semiconductor R261 Datasheet HTML 24Page - ON Semiconductor R261 Datasheet HTML 25Page - ON Semiconductor R261 Datasheet HTML 26Page - ON Semiconductor R261 Datasheet HTML 27Page - ON Semiconductor R261 Datasheet HTML 28Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
BelaSigna R261
http://onsemi.com
25
Serial Peripheral Interface (SPI) Port
An SPI port is available on BelaSigna R261 for
applications such as communication with a non−volatile
memory (EEPROM). The I/O levels on this port are defined
by the voltage on the VDDO pin. The SPI port operates in
master mode only, which supports communications with
slave SPI devices. The four signals needed by the SPI port
are multiplexed with other functions on BelaSigna R261
(GPIOs, LSADs). The use of the SPI port is excluding the
use of these other functions.
Interfaces Unused by the ROM−based Application
BelaSigna R261 also contains hardware provisions for a
high speed PCM interface, as well as a high speed UART.
These two interfaces are not used by the ROM−based
application, hence cannot be used by default. Custom
applications developed by ON Semiconductor could enable
the use of these interfaces, should this be required.
Long Term Storage Conditions
ON Semiconductor specifies a 24−month maximum
storage time for WLCSP devices in pocket tapes and
conditioned in dry bags, as stated in Table 16 below and
defined in ON Semiconductor’s “Finished Goods Packing
and Long Term Storage Procedures”. (Document #
12MRB17500B)
Table 16. LONG TERM STORAGE CONDITIONS
Storage Condition
Maximum Storage Time
Remarks
temperature 18−28°C,
humidity 30−65%RH
24 months after die
singulation/sawing date
Maximum 12 months storage at condition 18−28°C, 30−65%RH. After-
wards storage in vacuum moisture bag with desiccant and humidity card.
Storage in nitrogen cabinet allowed.
Re−Flow Information
The re−flow profile depends on the equipment that is used
for the re−flow and the assembly that is being re−flowed.
Care must be taken not to expose the packages to
temperatures above the rated features. The WLCSP package
is tested to perform reliably up to 3x reflow passes at the
maximum reflow peak temperature of 260
°C. Use Table 17
from the JEDEC Standard 22−A113D and J−STD−020D as
a guideline but note that actual profiles should be developed
by customers based on specific process needs and board
designs.
Table 17. RE−FLOW INFORMATION
Profile Feature
Pb−free Assembly
Preheat & Soak
Temperature minimum (TSMIN)
Temperature maximum (TSMAX)
Time (TSMIN to TSMAC) (TS)
150°C
200°C
60−120 seconds
Average Ramp−Up Rate
(TSMAX to TP)
3°C/second maximum
Liquidous temperature and time
Temperature (TL)
Time (tL)
217°C
60−150 seconds
Peak Temperature (TP)
260 +0/−5°C
Time within 5°C of Actual Peak
Temperature
20−40 seconds
Ramp−Down Rate (TP to TSMAX)
6°C/second maximum
Time 25°C to Peak Temperature
8 minutes maximum
Miscellaneous
Chip Identification
Chip identification information can be retrieved by using
the Communications Accelerator Adaptor (CAA) tool along
with the protocol software provided by ON Semiconductor.
For BelaSigna R261, the key identifier components and
values are as follows:
Chip Family
Chip Version
0x02 (SK2)
0x3010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com