Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 22 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button R261 Datasheet HTML 18Page - ON Semiconductor R261 Datasheet HTML 19Page - ON Semiconductor R261 Datasheet HTML 20Page - ON Semiconductor R261 Datasheet HTML 21Page - ON Semiconductor R261 Datasheet HTML 22Page - ON Semiconductor R261 Datasheet HTML 23Page - ON Semiconductor R261 Datasheet HTML 24Page - ON Semiconductor R261 Datasheet HTML 25Page - ON Semiconductor R261 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
BelaSigna R261
http://onsemi.com
22
Figure 12. Clocking Circuitry
EXT_CLK
SYS_CLK
Stand−By Clock
PLL Output Clock
External Clock
Activity
Detector
DMIC Sync
MCLK
PLL
/ MCLK_DIV
The ROM−based application has pre−configured the
clocking system in the various hardware presets that are
available, as described in Table 9, but for extended
flexibility, the use of the I2C interface allows changing the
clocking configuration to accommodate specific application
needs.
See
BelaSigna
R261
Configuration
and
Communications Guide for more information.
SYS_CLK is the clock signal that will be used by the
digital signal processing engine inside BelaSigna R261. It
can be either the output of the PLL, as described above or it
can also be driven by the stand−by clock, which is a very low
frequency signal used to minimize power consumption in
Sleep mode. Alternatively, the EXT_CLK signal could also
be used directly by the system, bypassing the internal PLL.
MCLK is the clock signal that is used by the input and
output stages of BelaSigna R261. MCLK must be
configured to stay within the 1.92 MHz – 3.84 MHz range,
to guarantee correct system operation. Among other
parameters, an important impact of the MCLK signal is the
sampling rate.
When the DMIC interface has to be used, BelaSigna R261
automatically synchronizes the EXT_CLK signal and the
MCLK signal, as shown on Figure 12. Since MCLK is used
to generate the DMIC data output, it must be fully
synchronized with the EXT_CLK signal which is the DMIC
clock, such as the DMIC host can properly sample the DMIC
data. Consequently, the range of supported DMIC clock
frequencies is the same as the MCLK range, i.e. 1.92 MHz
to 3.84 MHz.
As discussed in the System Monitoring section,
BelaSigna R261 is equipped with a clock detection
mechanism that will permanently monitor activity on the
EXT_CLK signal. This will ensure that whenever this clock
source disappears, BelaSigna R261 will properly enter a
known state, using an internal clocking signal, until the
external clock comes back.
It has to be noted that the internal PLL of BelaSigna R261
has a free−running mode, whereby it is capable to operate
without an external clock reference to be provided. This
mode requires special configuration, but can be used when
it is not necessary to guarantee an exact clock frequency or
when the sampling rate accuracy isn’t important.
For more information on the configuration of this
clocking
architecture,
refer
to
BelaSigna
R261
Configuration and Communications Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com