Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 3 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 3 Page - ON Semiconductor

  R261 Datasheet HTML 1Page - ON Semiconductor R261 Datasheet HTML 2Page - ON Semiconductor R261 Datasheet HTML 3Page - ON Semiconductor R261 Datasheet HTML 4Page - ON Semiconductor R261 Datasheet HTML 5Page - ON Semiconductor R261 Datasheet HTML 6Page - ON Semiconductor R261 Datasheet HTML 7Page - ON Semiconductor R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
BelaSigna R261
http://onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (continued) (The typical parameters in Table 2 were measured at 20°C with a clean
3.3 V supply voltage (unless noted differently). Parameters marked as screened are tested on each chip. Other parameters are qualified
for all process corners but not tested on every part.)
Parameter
Screened
Unit
Max
Typ
Min
Test Conditions / Notes
Symbol
VMIC
Load Regulation
VMIC_LdReg VMIC = VREG
40
mV/mA
VMIC_LdReg VMIC = VDDA
146
mV/mA
Maximum Load Current
VMIC_ILoad
VMIC = VREG
2
mA
VMIC = VDDA
1
mA
POWER ON RESET
POR Threshold
POR_THR_UP Active on VBAT
1.55
1.65
1.71
V
POR_THR_DN Active on VBAT
1.55
1.6
1.65
V
POR Duration
POR_TIME
3.9
5.8
11.6
ms
INPUT STAGE
Sampling frequency
SF
Defined by ROM−based
application.
16
kHz
Analog input voltage
Vin_AI1_3
No preamp gain on AI1
and AI3
0
2
Vpp
Vin_MIC0_2
30 dB preamp gain by default
on MIC0 and MIC2
0
63.25
mVpp
Preamplifier gain tolerance
Vin_Amp_Toll 1 kHz
−2
2
dB
Input impedance
Vin_Rin
0 dB preamplifier gain,
MCLK = 1.28 MHz
220
254
kW
All other gain settings
510
585
kW
Line−Out
5.2
5.35
kW
Input offset voltage
Vin_Offset
0 dB preamp gain
7
mV
Vin_Offset
All other gains
0.6
mV
Channel cross coupling
Vin_Coupling Any 2 channels
−84
−60
dB
Analog Filter cut−off frequency
AnaIF_FC1
LPF enabled
10
20
30
kHz
AnaIF_FC2
LPF disabled
50
kHz
Analog Filter passband flatness
AnaIF_PB_F
−1
1
dB
Analog filter stopband
attenuation
AnaIF_SB_A
60
dB
Digital Filter cut−off frequency
DigIF_FC
8
kHz
Digital Filter cut−off stopband
attenuation
DigIF_SB_A
80
dB
Total Harmonic Distortion +
Noise (Peak value)
AI_THDN
30 dB preamplifier gain
VBAT = 3.3 V
−64
−68
dB
Dynamic Range
AI_DR
30 dB preamplifier gain
VBAT = 3.3 V
−77
−78
dB
Equivalent Input Noise
EIN
30 dB preamplifier gain
VBAT = 3.3 V
3.25
mV
DIGITAL MICROPHONE OUTPUT
DMIC input clock frequency
DMIC_CLK1
With presets 0 or 5 selected
on CONFIG_SEL
2.048
MHz
DMIC_CLK2
With preset 1 selected on
CONFIG_SEL
2.4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com