Electronic Components Datasheet Search
  English  ▼

X  

R261 Datasheet(PDF) 10 Page - ON Semiconductor

Part # R261
Description  Advanced Noise Reduction Solution for Voice Capture Devices
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R261 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button R261 Datasheet HTML 6Page - ON Semiconductor R261 Datasheet HTML 7Page - ON Semiconductor R261 Datasheet HTML 8Page - ON Semiconductor R261 Datasheet HTML 9Page - ON Semiconductor R261 Datasheet HTML 10Page - ON Semiconductor R261 Datasheet HTML 11Page - ON Semiconductor R261 Datasheet HTML 12Page - ON Semiconductor R261 Datasheet HTML 13Page - ON Semiconductor R261 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
BelaSigna R261
http://onsemi.com
10
Figure 4. Analog Portion of BelaSigna R261 (Bumps facing up)
GF
E
D
C
B
A
Analog Ground Plane
Digital Ground Plane
1
2
3
4
5
6
7
8
9
G1
E1
F2
G3
E3
F4
D4
G5
E5
F6
D6
G7
E7
F8
G9
E9
G1 = MIC0
E1 = MIC2
F2 = RESERVED
G3 = VREG
E3 = VMIC
F4 = VSSA
D4 = NRESET
G5 = VDDA
E5 = AI1
F6 = VBAT
D6 = A_OUT0
G7 = CAP0
E7 = A_OUT1
F8 = CAP1
G9 = VBATRCVR
E9 = VSSRCVR
C1
A1
B2
C3
A3
B4
C5
A5
B6
C7
A7
B8
C9
A9
C1 = I2C_SCL
A1 = DEBUG_RX
B2 = DEBUG_TX
C3 = I2C_SDA
A3 = EXT_CLK
B4 = VDDO
C5 = BOOT_SEL
A5 = VSSD
B6 = VDDD
C7 = DMIC_OUT
A7 = SPI_CLK
CONFIG_SEL
B8 = SPI_SERO
ALGO_CTRL
C9 = SPI_SERI
SLEEP_CTRL
A9 = SPI_CS
ATT_SEL
The VSSD plane is used as the ground return for digital
circuits and should be placed under digital circuits. The
VSSA plane should be kept as noise−free as possible. It is
used as the ground return for analog circuits and it should
surround analog components and pins. It should not be
connected to or placed under any noisy circuits such as RF
chips, switching supplies or digital pads of BelaSigna R261
itself. Analog ground returns associated with the audio
output stage should connect back to the star point on separate
individual traces.
For details on which signals require special design
consideration, see Table 4 and Table 5.
In some designs, space constraints may make separate
ground planes impractical. In this case a star configuration
strategy should be used. Each analog ground return should
connect to the star point with separate traces.
Internal Power Supplies
Power management circuitry in BelaSigna R261
generates separate digital (VDDD) and analog (VREG,
VDDA) regulated supplies. Each supply requires an
external decoupling capacitor, even if the supply is not used
externally. Decoupling capacitors should be placed as close
as possible to the power pads.
The digital I/O levels are defined by a separate power
supply pin on BelaSigna R261 (VDDO). This pin must be
externally connected by the application PCB, usually to
VBAT. Note that the voltage on VDDO will influence the
behavior of the LSAD dividers. The system is designed with
the assumption that a 3.3 V power supply voltage is provided
on VBAT, and that VDDO connects to VBAT on the
application PCB.
Further details on these critical signals are provided in
Table 4. Non−critical signals are outlined in Table 5. More
information on the power supply architecture can be found
in the Power Supply Unit section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com