Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 30Page - Texas Instruments ADS1294 Datasheet HTML 31Page - Texas Instruments ADS1294 Datasheet HTML 32Page - Texas Instruments ADS1294 Datasheet HTML 33Page - Texas Instruments ADS1294 Datasheet HTML 34Page - Texas Instruments ADS1294 Datasheet HTML 35Page - Texas Instruments ADS1294 Datasheet HTML 36Page - Texas Instruments ADS1294 Datasheet HTML 37Page - Texas Instruments ADS1294 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
DRDY
DOUT
SCLK
Bit215
Bit214
Bit213
GPIOPin
GPIOData(read)
GPIOData(write)
GPIOControl
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
Figure 38 shows the relationship between DRDY, DOUT, and SCLK during data retrieval (in case of an ADS1298
with a selected data rate that gives 24-bit resolution). DOUT is latched out at the rising edge of SCLK. DRDY is
pulled high at the falling edge of SCLK. Note that DRDY goes high on the first falling edge SCLK regardless of
whether data are being retrieved from the device or a command is being sent through the DIN pin.
Figure 38. DRDY with Data Retrieval (CS = 0 in RDATA mode)
GPIO
The ADS129x have a total of four general-purpose digital I/O (GPIO) pins available in the normal mode of
operation. The digital I/O pins are individually configurable as either inputs or as outputs through the GPIOC bits
register. The GPIOD bits in the GPIO register control the level of the pins. When reading the GPIOD bits, the
data returned are the logic level of the pins, whether they are programmed as inputs or outputs. When the GPIO
pin is configured as an input, a write to the corresponding GPIOD bit has no effect. When configured as an
output, a write to the GPIOD bit sets the output value.
If configured as inputs, these pins must be driven (do not float). The GPIO pins are set as inputs after power-on
or after a reset. Figure 39 shows the GPIO port structure. The pins should be shorted to DGND if not used.
GPIO1 can be used as the PACEIN signal; GPIO2 is multiplexed with RESP_BLK signal; GPIO3 is multiplexed
with the RESP signal; and GPIO4 is multiplexed with the RESP_PH signal.
Figure 39. GPIO Port Pin
Power-Down (PWDN)
When PWDN is pulled low, all on-chip circuitry is powered down. To exit power-down mode, take the PWDN pin
high. Upon exiting from power-down mode, the internal oscillator and the reference require time to wake up. It is
recommended that during power-down the external clock is shut down to save power.
34
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com