Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 22Page - Texas Instruments ADS1294 Datasheet HTML 23Page - Texas Instruments ADS1294 Datasheet HTML 24Page - Texas Instruments ADS1294 Datasheet HTML 25Page - Texas Instruments ADS1294 Datasheet HTML 26Page - Texas Instruments ADS1294 Datasheet HTML 27Page - Texas Instruments ADS1294 Datasheet HTML 28Page - Texas Instruments ADS1294 Datasheet HTML 29Page - Texas Instruments ADS1294 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
PgaP
R
50k
W
2
R
20k
(forGain=6)
W
1
R
50k
W
2
FromMuxP
PgaN
FromMuxN
ToADC
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
PGA SETTINGS AND INPUT RANGE
The PGA is a differential input/differential output amplifier, as shown in Figure 28. It has seven gain settings (1,
2, 3, 4, 6, 8, and 12) that can be set by writing to the CHnSET register (see the CHnSET: Individual Channel
Settings subsection of the Register Map section for details). The ADS129x have CMOS inputs and hence have
negligible current noise. Table 6 shows the typical values of bandwidths for various gain settings. Note that
Table 6 shows the small-signal bandwidth. For large signals, the performance is limited by the slew rate of the
PGA.
Figure 28. PGA Implementation
Table 6. PGA Gain versus Small-Signal Bandwidth
NOMINAL BANDWIDTH AT ROOM
GAIN
TEMPERATURE (kHz)
1
237
2
146
3
127
4
96
6
64
8
48
12
32
The resistor string of the PGA that implements the gain has 120k
Ω of resistance for a gain of 6. This resistance
provides a current path across the outputs of the PGA in the presence of a differential input signal. This current
is in addition to the quiescent current specified for the device in the presence of a differential signal at the input.
26
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com