Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 31Page - Texas Instruments ADS1294 Datasheet HTML 32Page - Texas Instruments ADS1294 Datasheet HTML 33Page - Texas Instruments ADS1294 Datasheet HTML 34Page - Texas Instruments ADS1294 Datasheet HTML 35Page - Texas Instruments ADS1294 Datasheet HTML 36Page - Texas Instruments ADS1294 Datasheet HTML 37Page - Texas Instruments ADS1294 Datasheet HTML 38Page - Texas Instruments ADS1294 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
STAR
co
TOp
de
STARTPin
DN
I
4/f
CLK
DRDY
or
t
DR
t
SETTLE
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
Reset (RESET)
There are two methods to reset the ADS129x: pull the RESET pin low, or send the RESET opcode command.
When using the RESET pin, take it low to force a reset. Make sure to follow the minimum pulse width timing
specifications before taking the RESET pin back high. The RESET command takes effect on the eighth SCLK
falling edge of the opcode command. On reset it takes 18 tCLK cycles to complete initialization of the configuration
registers to the default states and start the conversion cycle. Note that an internal RESET is automatically issued
to the digital filter whenever registers CONFIG1 and RESP are set to new values with a WREG command.
START
The START pin must be set high or the START command sent to begin conversions. When START is low or if
the START command has not been sent, the device does not issue a DRDY signal (conversions are halted).
When using the START opcode to control conversion, hold the START pin low. The ADS129x feature two modes
to control conversion: continuous mode and single-shot mode. The mode is selected by SINGLE_SHOT (bit 3 of
the CONFIG4 register). In multiple device configurations the START pin is used to synchronize devices (see the
Multiple Device Configuration subsection of the SPI Interface section for more details).
Settling Time
The settling time (tSETTLE) is the time it takes for the converter to output fully settled data when START signal is
pulled high. Once START is pulled high, DRDY is also pulled high. The next falling edge of DRDY indicates that
data are ready. Figure 40 shows the timing diagram and Table 9 shows the settling time for different data rates.
The settling time depends on fCLK and the decimation ratio (controlled by the DR[2:0] bits in the CONFIG1
register). Table 8 shows the settling time as a function of tCLK. Note that when START is held high and there is a
step change in the input signal, it takes 3
× tDR for the filter to settle to the new value. Settled data are available
on the fourth DRDY pulse. This time must be considered when trying to measure narrow PACE pulses for PACE
detection.
Figure 40. Settling Time
Table 9. Settling Times for Different Data Rates
DR[2:0]
HIGH-RESOLUTION MODE
LOW-POWER MODE
UNIT
000
296
584
tCLK
001
584
1160
tCLK
010
1160
2312
tCLK
011
2312
4616
tCLK
100
4616
9224
tCLK
101
9224
18440
tCLK
110
18440
36872
tCLK
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com