Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 23Page - Texas Instruments ADS1294 Datasheet HTML 24Page - Texas Instruments ADS1294 Datasheet HTML 25Page - Texas Instruments ADS1294 Datasheet HTML 26Page - Texas Instruments ADS1294 Datasheet HTML 27Page - Texas Instruments ADS1294 Datasheet HTML 28Page - Texas Instruments ADS1294 Datasheet HTML 29Page - Texas Instruments ADS1294 Datasheet HTML 30Page - Texas Instruments ADS1294 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
AVDD
0.2
-
-
GainV
MAX_DIFF
2
>CM>AVSS+0.2+
GainV
MAX_DIFF
2
Max(INP
INN)<
-
V
REF
Gain
Full-ScaleRange=
±
V
REF
Gain
;
=
2V
REF
Gain
60
70
80
90
100
110
120
130
140
150
-
-
-
-
-
-
-
-
-
-
NormalizedFrequency(Hz)
10
100
1
1k
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
Input Common-Mode Range
The usable input common-mode range of the front end depends on various parameters, including the maximum
differential input signal, supply voltage, PGA gain, etc. This range is described in Equation 2:
where:
VMAX_DIFF = maximum differential signal at the input of the PGA
CM = common-mode range
(2)
For example:
If VDD = 3V, gain = 6, and VMAX_DIFF = 350mV
Then 1.25V
< CM < 1.75V
Input Differential Dynamic Range
The differential (INP
– INN) signal range depends on the analog supply and reference used in the system. This
range is shown in Equation 3.
(3)
The 3V supply, with a reference of 2.4V and a gain of 6 for ECGs, is optimized for power with a differential input
signal of approximately 300mV. For higher dynamic range, a 5V supply with a reference of 4V (set by the
VREF_4V bit of the CONFIG3 register) can be used to increase the differential dynamic range.
ADC
ΔΣ Modulator
Each channel of the ADS129x has a 24-bit
ΔΣ ADC. This converter uses a second-order modulator optimized for
low-power applications. The modulator samples the input signal at the rate of fMOD = fCLK/4 for High-Resolution
mode and fMOD = fCLK/8 for Low-Power mode. As in the case of any ΔΣ modulator, the noise of the ADS129x is
shaped until fMOD/2, as shown in Figure 29. The on-chip digital decimation filters explained in the next section
can be used to filter out the noise at higher frequencies. These on-chip decimation filters also provide antialias
filtering. This feature of the
ΔΣ converters drastically reduces the complexity of the analog antialiasing filters that
are typically needed with Nyquist ADCs.
Figure 29. Modulator Noise Spectrum Up To 0.5
× fMOD
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com