Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 49Page - Texas Instruments ADS1294 Datasheet HTML 50Page - Texas Instruments ADS1294 Datasheet HTML 51Page - Texas Instruments ADS1294 Datasheet HTML 52Page - Texas Instruments ADS1294 Datasheet HTML 53Page - Texas Instruments ADS1294 Datasheet HTML 54Page - Texas Instruments ADS1294 Datasheet HTML 55Page - Texas Instruments ADS1294 Datasheet HTML 56Page - Texas Instruments ADS1294 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
LOFF_STATN (Read-Only Register)
Address = 13h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IN8N_OFF
IN7N_OFF
IN6N_OFF
IN5N_OFF
IN4N_OFF
IN3N_OFF
IN2N_OFF
IN1N_OFF
This register stores the status of whether the negative electrode on each channel is on or off. See the Lead-Off
Detection subsection of the ECG-Specific Functions section for details. Ignore the LOFF_STATN values if the
corresponding LOFF_SENSN bits are not set to '1'.
'0' is lead-on (default) and '1' is lead-off. When the LOFF_SENSEN bits are '0', the LOFF_STATP bits should be
ignored.
GPIO: General-Purpose I/O Register
Address = 14h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
GPIOD4
GPIOD3
GPIOD2
GPIOD1
GPIOC4
GPIOC3
GPIOC2
GPIOC1
The General-Purpose I/O Register controls the action of the three GPIO pins. Note that when RESP_CTRL[1:0]
is in mode 01 and 11, the GPIO2, GPIO3, and GPIO4 pins are not available for use.
Bits[7:4]
GPIOD[4:1]: GPIO data
These bits are used to read and write data to the GPIO ports.
When reading the register, the data returned correspond to the state of the GPIO external pins, whether they are
programmed as inputs or as outputs. As outputs, a write to the GPIOD sets the output value. As inputs, a write to the
GPIOD has no effect. GPIO is not available in certain respiration modes.
Bits[3:0]
GPIOC[4:1]: GPIO control (corresponding GPIOD)
These bits determine if the corresponding GPIOD pin is an input or output.
0 = Output
1 = Input (default)
PACE: PACE Detect Register
Address = 15h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
0
0
PACEE1
PACEE0
PACEO1
PACEO0
PD_PACE
This register provides the PACE controls that configure the channel signal used to feed the external PACE detect
circuitry. See the Pace Detect subsection of the ECG-Specific Functions section for details.
Bits[7:5]
Must always be set to '0'
Bits[4:3]
PACEE[1:0]: PACE even channels
These bits control the selection of the even number channels available on TEST_PACE_OUT1. Note that only one channel
may be selected at any time.
00 = Channel 2 (default)
01 = Channel 4
10 = Channel 6, ADS1296/8/6R/8R only
11 = Channel 8, ADS1298/8R only
Bits[2:1]
PACEO[1:0]: PACE odd channels
These bits control the selection of the odd number channels available on TEST_PACE_OUT2. Note that only one channel
may be selected at any time.
00 = Channel 1 (default)
01 = Channel 3
10 = Channel 5, ADS1296/8/6R/8R only
11 = Channel 7, ADS1298/8R only
Bit 0
PD_PACE: PACE detect buffer
This bit is used to enable/disable the PACE detect buffer.
0 = PACE detect buffer turned off (default)
1 = PACE detect buffer turned on
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com