Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 45Page - Texas Instruments ADS1294 Datasheet HTML 46Page - Texas Instruments ADS1294 Datasheet HTML 47Page - Texas Instruments ADS1294 Datasheet HTML 48Page - Texas Instruments ADS1294 Datasheet HTML 49Page - Texas Instruments ADS1294 Datasheet HTML 50Page - Texas Instruments ADS1294 Datasheet HTML 51Page - Texas Instruments ADS1294 Datasheet HTML 52Page - Texas Instruments ADS1294 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
CONFIG3: Configuration Register 3
Address = 03h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PD_REFBUF
1
VREF_4V
RLD_MEAS
RLDREF_INT
PD_RLD
RLD_LOFF_SENS
RLD_STAT
Configuration Register 3 configures multi-reference and RLD operation.
Bit 7
PD_REFBUF: Power-down reference buffer
This bit determines the power-down reference buffer state.
0 = Power-down internal reference buffer (default)
1 = Enable internal reference buffer
Bit 6
Must always be set to '1'
Default is '1' at power-up.
Bit 5
VREF_4V: Reference voltage
This bit determines the reference voltage, VREFP.
0 = VREFP is set to 2.4V (default)
1 = VREFP is set to 4V (use only with a 5V analog supply)
Bit 4
RLD_MEAS: RLD measurement
This bit enables RLD measurement. The RLD signal may be measured with any channel.
0 = Open (default)
1 = RLD_IN signal is routed to the channel that has the MUX_Setting 010 (VREF)
Bit 3
RLDREF_INT: RLDREF signal
This bit determines the RLDREF signal source.
0 = RLDREF signal fed externally (default)
1 = RLDREF signal (AVDD
– AVSS)/2 generated internally
Bit 2
PD_RLD: RLD buffer power
This bit determines the RLD buffer power state.
0 = RLD buffer is powered down (default)
1 = RLD buffer is enabled
Bit 1
RLD_LOFF_SENS: RLD sense function
This bit enables the RLD sense function.
0 = RLD sense is disabled (default)
1 = RLD sense is enabled
Bit 0
RLD_STAT: RLD lead-off status
This bit determines the RLD status.
0 = RLD is connected (default)
1 = RLD is not connected
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com