Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 32Page - Texas Instruments ADS1294 Datasheet HTML 33Page - Texas Instruments ADS1294 Datasheet HTML 34Page - Texas Instruments ADS1294 Datasheet HTML 35Page - Texas Instruments ADS1294 Datasheet HTML 36Page - Texas Instruments ADS1294 Datasheet HTML 37Page - Texas Instruments ADS1294 Datasheet HTML 38Page - Texas Instruments ADS1294 Datasheet HTML 39Page - Texas Instruments ADS1294 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
START
Opcode
(1)
S
RTPin
TA
DIN
t
DR
t
SETTLE
DRDY
STOP
Opcode
(1)
or
or
t
SDSU
t
DSHD
STOPOpcode
DRDY andDOUT
STARTPin
or
STOP(1)
STOP(1)
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
Continuous Mode
Conversions begin when the START pin is taken high or when the START opcode command is sent. As seen in
Figure 41, the DRDY output goes high when conversions are started and goes low when data are ready.
Conversions continue indefinitely until the START pin is taken low or the STOP opcode command is transmitted.
When the START pin is pulled low or the stop command is issued, the conversion in progress is allowed to
complete. Figure 42 and Table 10 show the required timing of DRDY to the START pin and the START/STOP
opcode commands when controlling conversions in this mode. To keep the converter running continuously, the
START pin can be permanently tied high. Note that when switching from pulse mode to continuous mode, the
START signal is pulsed or a STOP command must be issued followed by a START command. This conversion
mode is ideal for applications that require a fixed-continuous stream of conversions results.
(1)
START and STOP opcode commands take effect on the seventh SCLK falling edge.
Figure 41. Continuous Conversion Mode
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
Figure 42. START to DRDY Timing
Table 10. Timing Characteristics for Figure 42(1)
SYMBOL
DESCRIPTION
MIN
UNIT
START pin low or STOP opcode to DRDY setup time
tSDSU
16
1/fCLK
to halt further conversions
START pin low or STOP opcode to complete current
tDSHD
16
1/fCLK
conversion
(1)
START and STOP commands take effect on the seventh SCLK falling edge at the end of the opcode transmission.
36
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com