Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 29Page - Texas Instruments ADS1294 Datasheet HTML 30Page - Texas Instruments ADS1294 Datasheet HTML 31Page - Texas Instruments ADS1294 Datasheet HTML 32Page - Texas Instruments ADS1294 Datasheet HTML 33Page - Texas Instruments ADS1294 Datasheet HTML 34Page - Texas Instruments ADS1294 Datasheet HTML 35Page - Texas Instruments ADS1294 Datasheet HTML 36Page - Texas Instruments ADS1294 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
CS
SCLK
DRDY
DOUT
STAT
24-Bit
24-Bit
24-Bit
24-Bit
24-Bit
24-Bit
24-Bit
24-Bit
24-Bit
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
216SCLKs
DIN
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
Data Output (DOUT)
The data output pin (DOUT) is used with SCLK to read conversion and register data from the ADS129x. Data on
DOUT are shifted out on the rising edge of SCLK. DOUT goes to a high-impedance state when CS is high. In
read data continuous mode (see the SPI Command Definitions section for more details), the DOUT output line
also indicates when new data are available. This feature can be used to minimize the number of connections
between the device and the system controller.
Figure 37 shows the data output protocol for ADS1298.
Figure 37. SPI Bus Data Output for the ADS1298 (Eight Channels)
Data Retrieval
Data retrieval can be accomplished in one of two methods. The read data continuous command (see the
RDATAC: Read Data Continuous section) can be used to set the device in a mode to read the data continuously
without sending opcodes. The read data command (see the RDATA: Read Data section) can be used to read
just one data output from the device (see the SPI Command Definitions section for more details). The conversion
data are read by shifting the data out on DOUT. The MSB of the data on DOUT is clocked out on the first SCLK
rising edge. DRDY returns to high on the first SCLK falling edge. DIN should remain low for the entire read
operation.
The number of bits in the data output depends on the number of channels and the number of bits per channel.
For the ADS1298/8R, the number of data outputs is (24 status bits + 24 bits
× 8 channels) = 216 bits. The format
of the 24 status bits is: (1100 + LOFF_STATP + LOFF_STATN + bits[4:7] of the GPIO register). The data format
for each channel data are twos complement and MSB first. When channels are powered down using the user
register setting, the corresponding channel output is set to '0'. However, the sequence of channel outputs
remains the same. For the ADS1294/4R and ADS1296/6R, the last four and two channel outputs shown in
Figure 37 are zeros. The four and six channels parts require only 120 and 168 SCLKs to shift data out,
respectively. Status and GPIO register bits are loaded into the 24-bit status word 2tCLKs before DRDY goes low.
The ADS129x also provide a multiple readback feature. The data can be read out multiple times by simply giving
more SCLKs, in which case the MSB data byte repeats after reading the last byte. The DAISY_EN bit in
CONFIG1 register must be set to '1' for multiple readbacks.
Data Ready (DRDY)
DRDY is an output. When it transitions low, new conversion data are ready. The CS signal has no effect on the
data ready signal. The behavior of DRDY is determined by whether the device is in RDATAC mode or the
RDATA command is being used to read data on demand. (See the RDATAC: Read Data Continuous and
RDATA: Read Data subsections of the SPI Command Definitions section for further details).
When reading data with the RDATA command, the read operation can overlap the occurrence of the next DRDY
without data corruption.
The START pin or the START command is used to place the device either in normal data capture mode or pulse
data capture mode.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com