Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 33Page - Texas Instruments ADS1294 Datasheet HTML 34Page - Texas Instruments ADS1294 Datasheet HTML 35Page - Texas Instruments ADS1294 Datasheet HTML 36Page - Texas Instruments ADS1294 Datasheet HTML 37Page - Texas Instruments ADS1294 Datasheet HTML 38Page - Texas Instruments ADS1294 Datasheet HTML 39Page - Texas Instruments ADS1294 Datasheet HTML 40Page - Texas Instruments ADS1294 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
START
DRDY
4f
/
CLK
4f
/
CLK
DataUpdating
t
SETTLE
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
Single-Shot Mode
The single-shot mode is enabled by setting the SINGLE_SHOT bit in CONFIG4 register to '1'. In single-shot
mode, the ADS129x perform a single conversion when the START pin is taken high or when the START opcode
command is sent. As seen in Figure 42, when a conversion is complete, DRDY goes low and further conversions
are stopped. Regardless of whether the conversion data are read or not, DRDY remains low. To begin a new
conversion, take the START pin low and then back high, or transmit the START opcode again. Note that when
switching from continuous mode to pulse mode, make sure the START signal is pulsed or issue a STOP
command followed by a START command.
Figure 43. DRDY with No Data Retrieval in Single-Shot Mode
This conversion mode is provided for applications that require non-standard or non-continuous data rates.
Issuing a START command or toggling the START pin high resets the digital filter, effectively dropping the data
rate by a factor of four. This mode leaves the system more susceptible to aliasing effects, thus requiring more
complex analog or digital filtering. Loading on the host processor increases because it must toggle the START
pin or send a START command to initiate a new conversion cycle.
MULTIPLE DEVICE CONFIGURATION
The ADS129x are designed to provide configuration flexibility when multiple devices are used in a system. The
serial interface typically requires four signals: DIN, DOUT, SCLK, and CS. With one additional chip select signal
per device, multiple devices can be connected together. The number of signals needed to interface n devices is
3 + n.
The right leg drive amplifiers can be daisy-chained as explained in the RLD Configuration with Multiple Devices
subsection of the ECG-Specific Functions section. To use the internal oscillator in a daisy-chain configuration,
one of the devices must be set as the master for the clock source with the internal oscillator enabled (CLKSEL
pin = 1) and the internal oscillator clock brought out of the device by setting the CLK_EN register bit to '1'. This
master device clock is used as the external clock source for the other devices.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com