Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 19Page - Texas Instruments ADS1294 Datasheet HTML 20Page - Texas Instruments ADS1294 Datasheet HTML 21Page - Texas Instruments ADS1294 Datasheet HTML 22Page - Texas Instruments ADS1294 Datasheet HTML 23Page - Texas Instruments ADS1294 Datasheet HTML 24Page - Texas Instruments ADS1294 Datasheet HTML 25Page - Texas Instruments ADS1294 Datasheet HTML 26Page - Texas Instruments ADS1294 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
MUX[2:0]=101
TempP
MUX[2:0]= 100
MvddP
(1)
MUX[2:0]= 011
FromLoffP
MUX[2:0]= 000
MUX[2:0]= 110
MUX[2:0]= 001
ToPgaP
ToPgaN
MUX[2:0]= 001
RLDIN
MUX[2:0]= 010
RLD_MEAS
AND
MUX[2:0]= 111
VINP
VINN
MUX[2:0]= 000
FromLoffN
RLD_REF
MUX[2:0]= 010
RLD_MEAS
AND
MvddN
(1)
TempN
MUX[2:0]= 100
MUX[2:0]= 101
ADS129x
MUX
TestP
TestN
TESTP_PACE_OUT1
INT_TEST
INT_TEST
TESTN_PACE_OUT2
INT_TEST
INT_TEST
MUX[2:0]= 011
EMI
Filter
(AVDD+AVSS)
2
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
THEORY OF OPERATION
This section discusses the details of the ADS129x internal functional elements. The analog blocks are reviewed
first, followed by the digital interface. Blocks implementing ECG-specific functions are covered in the end.
Throughout this document, fCLK denotes the frequency of the signal at the CLK pin, tCLK denotes the period of the
signal at the CLK pin, fDR denotes the output data rate, tDR denotes the time period of the output data, and fMOD
denotes the frequency at which the modulator samples the input.
EMI FILTER
An RC filter at the input acts as an EMI filter on all of the channels. The
–3dB filter bandwidth is approximately
3MHz.
INPUT MULTIPLEXER
The ADS129x input multiplexers are very flexible and provide many configurable signal switching options.
Figure 24 shows the multiplexer on a single channel of the device. Note that the device has eight such blocks,
one for each channel. TEST_PACE_OUT1, TEST_PACE_OUT2, and RLD_IN are common to all eight blocks.
VINP and VINN are separate for each of the eight blocks. This flexibility allows for significant device and
sub-system diagnostics, calibration, and configuration. Selection of switch settings for each channel is made by
writing the appropriate values to the CHnSET[2:0] register (see the CHnSET: Individual Channel Settings section
for details) and by writing the RLD_MEAS bit in the CONFIG3 register (see the CONFIG3: Configuration Register
3 subsection of the Register Map section for details). More details of the ECG-specific features of the multiplexer
are presented in the Input Multiplexer subsection of the ECG-Specifc Functions section.
(1)
MVDD monitor voltage supply depends on channel number; see the Supply Measurements (MVDDP, MVDDN)
section.
Figure 24. Input Multiplexer Block for One Channel
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com