Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 65Page - Texas Instruments ADS1294 Datasheet HTML 66Page - Texas Instruments ADS1294 Datasheet HTML 67Page - Texas Instruments ADS1294 Datasheet HTML 68Page - Texas Instruments ADS1294 Datasheet HTML 69Page - Texas Instruments ADS1294 Datasheet HTML 70Page - Texas Instruments ADS1294 Datasheet HTML 71Page - Texas Instruments ADS1294 Datasheet HTML 72Page - Texas Instruments ADS1294 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
PACE DETECT
The ADS129x provide flexibility for PACE detection either in software or by external hardware. The software
approach is made possible by providing sampling rates up to 32kSPS. The external hardware approach is made
possible by bringing out the output of the PGA at two pins: TESTP_PACE_OUT1 and TESTN_PACE_OUT2.
Note that if the WCT amplifier is connected to the signal path, the user sees switching noise as a result of
chopping; see the Wilson Central Terminal (WCT) section for details.
Software Approach
To use the software approach, the device must be operated at 8kSPS or more to be able to capture the fastest
pulse. Afterwards, digital signal processing can be used to identify the presence of the pacemaker pulse. The
software approach gives the utmost flexibility to the user to be able to program the PACE detect threshold on the
fly using software. This becomes increasingly important as pacemakers evolve over time. Two parameters must
be considered while measuring fast PACE pulses:
1. The PGA bandwidth shown in Table 6.
2. For a step change in input, the digital decimation filter takes 3
× tDR to settle. The PGA bandwidth determines
the gain setting that can be used and the settling time determines the data rate that the device must be
operated at.
External Hardware Approach
One of the drawbacks of using the software approach is that all channels on a single device must operate at
higher data rates. For systems where it is of concern, the ADS129x provide the option of bringing out the output
of the PGA. External hardware circuitry can be used to detect the presence of the pulse. The output of the PACE
detection logic can then be fed into the device through one of the GPIO pins. The GPIO data are transmitted
through the SPI port and loaded 2tCLKs before DRDY goes low. Two of the eight channels can be selected using
register bits in the PACE register, one from the odd-numbered channels and the other from the even-numbered
channels. During the differential to single-ended conversion, there is an attenuation of 0.4. Therefore, the total
gain in the PACE path is equal to (0.4
× PGA_GAIN). The PACE out signals are multiplexed with the TESTP and
TESTN signals through the TESTP_PACE_OUT1 and TESTN_PACE_OUT2 pins respectively. The channel
selection is done by setting bits[4:1] of the PACE register. If the PACE circuitry is not used, the PACE amplifiers
can be turned off using the PD_PACE bit in the PACE register.
Note that if the output of a channel connected to the WCT amplifier (for example, the V lead channels) is
connected to one of the PACE amplifiers for external PACE detection, the artifact of chopping appears at the
PACE amplifier output. Refer to the Wilson Central Terminal (WCT) section for more details.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com