Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 75 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 71Page - Texas Instruments ADS1294 Datasheet HTML 72Page - Texas Instruments ADS1294 Datasheet HTML 73Page - Texas Instruments ADS1294 Datasheet HTML 74Page - Texas Instruments ADS1294 Datasheet HTML 75Page - Texas Instruments ADS1294 Datasheet HTML 76Page - Texas Instruments ADS1294 Datasheet HTML 77Page - Texas Instruments ADS1294 Datasheet HTML 78Page - Texas Instruments ADS1294 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
R
40.2kW
2
R
=2.21kW
BASELINE
R
40.2kW
2
IN1P
RESP_MODP
RESP_MODN
IN1N
ADS1294R/6R/8R
10
9.5
9
8.5
8
7.5
7
6.5
6
NormalizedBaselineRespirationImpedance( )
W
3690
4845
2214
15258
8076
9155
Phase=112.5,PGA=4
Phase=112.5,PGA=3
Phase=135,PGA=4
Phase=135,PGA=3
20
18
16
14
12
10
8
6
NormalizedBaselineRespirationImpedance( )
W
3690
4845
2214
15258
8076
9155
Phase=135,PGA=3
Phase=135,PGA=2
Phase=157,PGA=3
Phase=157,PGA=2
R
=
NORMALIZED
R
I
´
ACTUAL
ACTUAL
29 A
m
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
Figure 70 shows a respiration test circuit. Figure 71 and Figure 72 plot noise on channel 1 for the
ADS1294R/6R/8R as baseline impedance, gain, and phase are swept. The x-axis is the baseline impedance,
normalized to a 29
µA modulation current (as shown in Equation 8).
Figure 70. Respiration Noise Test Circuit
Figure 71. Channel 1 Noise versus Impedance for
32kHz Modulation Clock and Phase
(BW = 150Hz, Respiration Modulation Clock =
32kHz)
Figure 72. Channel 1 Noise versus Impedance for 64kHz Modulation Clock and Phase
(BW = 150Hz, Respiration Modulation Clock = 64kHz)
where:
RACTUAL is the baseline body impedance,
IACTUAL is the modulation current, as calculated by (VREFP – AVSS) divided by the impedance of the
modulation circuit.
(8)
For example, if modulation frequency = 32kHz, RACTUAL = 3kΩ, IACTUAL = 50µA, and RNORMALIZED = (3kΩ ×
50
µA)/29µA = 5.1kΩ.
Referring to Figure 71 and Figure 72, it can be noted that gain = 4 and phase = 112.5
° yield the best
performance at 6.4
µVPP. Low-pass filtering this signal with a high-order 2Hz cutoff can reduce the noise to less
than 600nVPP. The impedance resolution is 600nVPP/29µA = 20mΩ.
When the modulation frequency is 32kHz, gains of 3 and 4 and phase of 112.5
° and 135° are recommended.
When the modulation frequency is 64kHz, gains of 2 and 3 and phase of 135
° and 157° are recommended for
best performance.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
75
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com