Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 61 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 57Page - Texas Instruments ADS1294 Datasheet HTML 58Page - Texas Instruments ADS1294 Datasheet HTML 59Page - Texas Instruments ADS1294 Datasheet HTML 60Page - Texas Instruments ADS1294 Datasheet HTML 61Page - Texas Instruments ADS1294 Datasheet HTML 62Page - Texas Instruments ADS1294 Datasheet HTML 63Page - Texas Instruments ADS1294 Datasheet HTML 64Page - Texas Instruments ADS1294 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
200
180
160
140
120
100
80
60
40
20
0
0.3
2.8
InputCommon-ModeVoltage(V)
0.8
T =+25 C
°
A
1.3
1.8
2.3
DR=0.5kSPS,0.25kSPS
DR=1kSPS
DR=2kSPS
DR=4kSPS
DR=8kSPS
DR=16kSPS
DR=32kSPS
200
180
160
140
120
100
80
60
40
20
0
0.3
2.8
InputCommon-ModeVoltage(V)
0.8
T =+25 C
°
A
LPMode
HRMode
1.3
1.8
2.3
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
As mentioned previously in this section, all three WCT amplifiers can be connected to one of eight analog input
pins. The inputs of the amplifiers are chopped and the chopping frequency varies with the data rates of the
ADS129x. The chop frequency for the three highest data rates scale 1:1. For example, at 32kSPS data rate, the
chop frequency is 32kHz in HR mode with WCT_CHOP = 0. The chopping frequency of the four lower data rates
is fixed to 4kHz. When WCT_CHOP = 1, the chop frequency is fixed to highest data rate (that is, fMOD/16)
frequency, as shown in Table 13. The chop frequency shows itself at the output of the WCT amplifiers as a small
square wave riding on dc. The amplitude of the square wave is the offset of the amplifier and is typically 5mVPP.
This artifact as a result of chopping is out-of-band and thus does not interfere with ECG-related measurements.
As a result of the chopping function, the input current leakage on the pins with WCT amplifiers connected sees
increased leakage currents at higher data rates and as the input common voltage swings closer to 0V (AVSS),
as described in Figure 54.
Note that if the output of a channel connected to the WCT amplifier (for example, the V lead channels) is
connected to one of the PACE amplifiers for external PACE detection, the artifact of chopping appears at the
PACE amplifier output.
Figure 54. WCT Input Leakage Current versus
Figure 55. WCT Input Leakage Current versus
Input Voltage (WCT_CHOP = 0)
Input Voltage (WCT_CHOP = 1)
Table 13. WCT Amplifiers Chop Frequency
CONFIG1.DR[2:0] BIT
CONFIG2.WCT_CHOP = 0
CONFIG2.WCT_CHOP = 1
000
fMOD/16
fMOD/16
001
fMOD/32
fMOD/16
010
fMOD/64
fMOD/16
011
fMOD/128
fMOD/16
100
fMOD/128
fMOD/16
101
fMOD/128
fMOD/16
110
fMOD/128
fMOD/16
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com