Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 52 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 48Page - Texas Instruments ADS1294 Datasheet HTML 49Page - Texas Instruments ADS1294 Datasheet HTML 50Page - Texas Instruments ADS1294 Datasheet HTML 51Page - Texas Instruments ADS1294 Datasheet HTML 52Page - Texas Instruments ADS1294 Datasheet HTML 53Page - Texas Instruments ADS1294 Datasheet HTML 54Page - Texas Instruments ADS1294 Datasheet HTML 55Page - Texas Instruments ADS1294 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
LOFF_SENSP
Address = 0Fh
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LOFF8P
LOFF7P
LOFF6P
LOFF5P
LOFF4P
LOFF3P
LOFF2P
LOFF1P
This register selects the positive side from each channel for lead-off detection. See the Lead-Off Detection
subsection of the ECG-Specific Functions section for details. Note that the LOFF_STATP register bits are only
valid if the corresponding LOFF_SENSP bits are set to '1'.
Note that registers bits[5:4] are not available for the ADS1294/4R. Bits[7:6] are not available for the
ADS1294/6/4R/6R.
LOFF_SENSN
Address = 10h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LOFF8N
LOFF7N
LOFF6N
LOFF5N
LOFF4N
LOFF3N
LOFF2N
LOFF1N
This register selects the negative side from each channel for lead-off detection. See the Lead-Off Detection
subsection of the ECG-Specific Functions section for details. Note that the LOFF_STATN register bits are only
valid if the corresponding LOFF_SENSN bits are set to '1'.
Note that registers bits[5:4] are not available for the ADS1294/4R. Bits[7:6] are not available for the
ADS1294/6/4R/6R.
LOFF_FLIP
Address = 11h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LOFF_FLIP8
LOFF_FLIP7
LOFF_FLIP6
LOFF_FLIP5
LOFF_FLIP4
LOFF_FLIP3
LOFF_FLIP2
LOFF_FLIP1
This register controls the direction of the current used for lead-off derivation. See the Lead-Off Detection
subsection of the ECG-Specific Functions section for details.
LOFF_STATP (Read-Only Register)
Address = 12h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IN8P_OFF
IN7P_OFF
IN6P_OFF
IN5P_OFF
IN4P_OFF
IN3P_OFF
IN2P_OFF
IN1P_OFF
This register stores the status of whether the positive electrode on each channel is on or off. See the Lead-Off
Detection subsection of the ECG-Specific Functions section for details. Ignore the LOFF_STATP values if the
corresponding LOFF_SENSP bits are not set to '1'.
'0' is lead-on (default) and '1' is lead-off. When the LOFF_SENSEP bits are '0', the LOFF_STATP bits should be
ignored.
52
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com