Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 56 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 52Page - Texas Instruments ADS1294 Datasheet HTML 53Page - Texas Instruments ADS1294 Datasheet HTML 54Page - Texas Instruments ADS1294 Datasheet HTML 55Page - Texas Instruments ADS1294 Datasheet HTML 56Page - Texas Instruments ADS1294 Datasheet HTML 57Page - Texas Instruments ADS1294 Datasheet HTML 58Page - Texas Instruments ADS1294 Datasheet HTML 59Page - Texas Instruments ADS1294 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
WCT1: Wilson Central Terminal and Augmented Lead Control Register
Address = 18h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
aVF_CH6
aVL_CH5
aVR_CH7
aVR_CH4
PD_WCTA
WCTA2
WCTA1
WCTA0
The WCT1 control register configures the device WCT circuit channel selection and the augmented leads.
Bit 7
aVF_CH6: Enable (WCTA + WCTB)/2 to the negative input of channel 6 (ADS1296/8/6R/8R)
0 = Disabled (default)
1 = Enabled
Bit 6
aVL_CH5: Enable (WCTA + WCTC)/2 to the negative input of channel 5 (ADS1296/8/6R/8R)
0 = Disabled (default)
1 = Enabled
Bit 5
aVR_CH7: Enable (WCTB + WCTC)/2 to the negative input of channel 7 (ADS1298/8R)
0 = Disabled (default)
1 = Enabled
Bit 4
aVR_CH4: Enable (WCTB + WCTC)/2 to the negative input of channel 4
0 = Disabled (default)
1 = Enabled
Bit 3
PD_WCTA: Power-down WCTA
0 = Powered down (default)
1 = Powered on
Bits[2:0]
WCTA[2:0]: WCT amplifier A channel selection; typically connected to RA electrode.
These bits select one of the eight electrode inputs of channels 1 to 4.
000 = Channel 1 positive input connected to WCTA amplifier (default)
001 = Channel 1 negative input connected to WCTA amplifier
010 = Channel 2 positive input connected to WCTA amplifier
011 = Channel 2 negative input connected to WCTA amplifier
100 = Channel 3 positive input connected to WCTA amplifier
101 = Channel 3 negative input connected to WCTA amplifier
110 = Channel 4 positive input connected to WCTA amplifier
111 = Channel 4 negative input connected to WCTA amplifier
56
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com