Electronic Components Datasheet Search
  English  ▼

X  

ADS1294 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1294 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS1294 Datasheet HTML 28Page - Texas Instruments ADS1294 Datasheet HTML 29Page - Texas Instruments ADS1294 Datasheet HTML 30Page - Texas Instruments ADS1294 Datasheet HTML 31Page - Texas Instruments ADS1294 Datasheet HTML 32Page - Texas Instruments ADS1294 Datasheet HTML 33Page - Texas Instruments ADS1294 Datasheet HTML 34Page - Texas Instruments ADS1294 Datasheet HTML 35Page - Texas Instruments ADS1294 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
SBAS459H
– JANUARY 2010 – REVISED OCTOBER 2011
www.ti.com
SPI INTERFACE
The SPI-compatible serial interface consists of four signals: CS, SCLK, DIN, and DOUT. The interface reads
conversion data, reads and writes registers, and controls the ADS129x operation. The DRDY output is used as a
status signal to indicate when data are ready. DRDY goes low when new data are available.
Chip Select (CS)
Chip select (CS) selects the ADS129x devices for SPI communication. While CS is low the serial interface is
active CS must remain low for the entire duration of the serial communication. After the serial communication is
finished, always wait four or more tCLK cycles before taking CS high. When CS is taken high, the serial interface
is reset, SCLK and DIN are ignored, and DOUT enters a high-impedance state. DRDY asserts when data
conversion is complete, regardless of whether CS is high or low.
While ADS129x is selected the device will attempt to decode and execute commands every eight serial clocks. If
the devices ceases to execute serial commands, it is possible extra clock pulses were presented and placed the
serial interface in an unknown state. Take CS high and back low to reset the serial interface to a known state.
Serial Clock (SCLK)
SCLK is the serial peripheral interface (SPI) serial clock. It is used to shift in commands and shift out data from
the device. The serial clock (SCLK) features a Schmitt-triggered input and clocks data on the DIN and DOUT
pins into and out of the ADS129x. Even though the input has hysteresis, it is recommended to keep SCLK as
clean as possible to prevent glitches from accidentally forcing a clock event. The absolute maximum limit for
SCLK is specified in the Serial Interface Timing table.
While ADS129x is selected(CS = LOW), the device attempts to decode and execute commands every eight
serial clocks. It is therefore recommended that multiples of 8 SCLKs be presented every serial transfer to keep
the interface in a normal operating mode. If the interface ceases to function because of extra serial clocks, it can
be reset by toggling CS high and back to low.
For a single device, the minimum speed needed for the SCLK depends on the number of channels, number of
bits of resolution, and output data rate. (For multiple cascaded devices, see the Cascade Mode subsection of the
Multiple Device Configuration section.)
tSCLK < (tDR – 4tCLK)/(NBITS × NCHANNELS + 24)
(6)
For example, if the ADS1298 is used in a 500SPS mode (eight channels, 24-bit resolution), the minimum SCLK
speed is 110kHz.
Data retrieval can be done either by putting the device in RDATAC mode or by issuing a RDATA command for
data on demand. The above SCLK rate limitation applies to RDATAC. For the RDATA command, the limitation
applies if data must be read between two consecutive DRDY signals. The above calculation assumes that there
are no other commands issued between data captures.
Data Input (DIN)
The data input pin (DIN) is used along with SCLK to communicate with the ADS129x (opcode commands and
register data). The device latches data on DIN on the falling edge of SCLK.
32
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com